Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F005 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Rev. 1.00
5�
��to�e� ��� �01�
Rev. 1.00
53
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
I/O Pin Structures
TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As
theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa
guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.
V DD
M
U
X
Wa ke - up Se le ct
S yst em W ak e- up
R ead Da ta R egi st er
D
Q
CK
S
D
Q
CK
S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
We ak
Pu ll- up
Pu ll -H ig h
Re gi st er
Se le ct
PA on ly
Generic Input/Output Ports
Programming Considerations
Withintheuserprogram,oneofthefirstthingstoconsiderisportinitialisation.Afterareset,allof
theI/Odataandportcontrolregisterwillbesethigh.ThismeansthatallI/Opinswilldefaultto
aninputstate,thelevelofwhichdependsontheotherconnectedcircuitryandwhetherpull-high
selectionshavebeenchosen.Iftheportcontrolregister,PAC,isthenprogrammedtosetupsome
pinsasoutputs,theseoutputpinswillhaveaninitialhighoutputvalueunlesstheassociatedport
dataregister,PA,isfirstprogrammed.Selectingwhichpinsareinputsandwhichareoutputscan
beachievedbyte-widebyloadingthecorrectvaluesintotheappropriateportcontrolregisteror
byprogrammingindividualbitsintheportcontrolregisterusingthe"SET[m].i"and"CLR[m].i"
instructions.Notethatwhenusingthesebitcontrolinstructions,aread-modify-writeoperationtakes
place.Themicrocontrollermustfirstreadinthedataontheentireport,modifyittotherequirednew
bitvaluesandthenrewritethisdatabacktotheoutputports.
PortAhastheadditionalcapabilityofprovidingwake-upfunctions.Whenthedevicesareinthe
SLEEPorIDLEMode,variousmethodsareavailabletowakethedevicesup.Oneoftheseisahigh
tolowtransitionofanyofthePortApins.SingleormultiplepinsonPortAcanbesetuptohavethis
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com