Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F005 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Rev. 1.00
1�
��to�e� ��� �01�
Rev. 1.00
13
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Power on Reset Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VP�R
VDD Sta�t Voltage to ensu�e Powe�-on Reset
100
mV
RP�R AC VDD Raising Rate to Ensu�e Powe�-on Reset
0.035
V/ms
tP�R
Minimum Time fo� VDD to �emain at VP�R to
ensu�e Powe�-on Reset
1
ms
Ti me
V DD
V PO R
RR VD D
t PO R
System Architecture
Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed
totheirinternalsystemarchitecture.Therangeofdevicestakeadvantageoftheusualfeaturesfound
withinRISCmicrocontrollersprovidingincreasedspeedofoperationandenhancedperformance.
Thepipeliningschemeisimplementedinsuchawaythatinstructionfetchingandinstruction
executionareoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,withthe
exceptionofbranchorcallinstructions.An8-bitwideALUisusedinpracticallyallinstructionset
operations,whichcarriesoutarithmeticoperations,logicoperations,rotation,increment,decrement,
branchdecisions,etc.TheinternaldatapathissimplifiedbymovingdatathroughtheAccumulator
andtheALU.CertaininternalregistersareimplementedintheDataMemoryandcanbedirectly
orindirectlyaddressed.Thesimpleaddressingmethodsoftheseregistersalongwithadditional
architecturalfeaturesensurethataminimumofexternalcomponentsisrequiredtoprovidea
functionalI/Ocontrolsystemwithmaximumreliabilityandflexibility.Thismakesthesedevices
suitableforlow-cost,high-volumeproductionforcontrollerapplications.
Clocking and Pipelining
Themainsystemclock,derivedfromeitheraHXT,HIRCorLIRCoscillatorissubdividedinto
fourinternallygeneratednon-overlappingclocks,T1~T4.TheProgramCounterisincrementedat
thebeginningoftheT1clockduringwhichtimeanewinstructionisfetched.TheremainingT2~T4
clockscarryoutthedecodingandexecutionfunctions.Inthisway,oneT1~T4clockcycleforms
oneinstructioncycle.Althoughthefetchingandexecutionofinstructionstakesplaceinconsecutive
instructioncycles,thepipeliningstructureofthemicrocontrollerensuresthatinstructionsare
effectivelyexecutedinoneinstructioncycle.Theexceptiontothisareinstructionswherethe
contentsoftheProgramCounterarechanged,suchassubroutinecallsorjumps,inwhichcasethe
instructionwilltakeonemoreinstructioncycletoexecute.
Forinstructionsinvolvingbranches,suchasjumporcallinstructions,twomachinecyclesare
requiredtocompleteinstructionexecution.Anextracycleisrequiredastheprogramtakesone
cycletofirstobtaintheactualjumporcalladdressandthenanothercycletoactuallyexecutethe
branch.Therequirementforthisextracycleshouldbetakenintoaccountbyprogrammersintiming
sensitiveapplications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com