Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F005 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
Rev. 1.00
80
��to�e� ��� �01�
Rev. 1.00
81
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[m]
Add Data Memo�y to ACC
1
Z� C� AC� �V
ADDM A�[m]
Add ACC to Data Memo�y
1Note
Z� C� AC� �V
ADD A�x
Add immediate data to ACC
1
Z� C� AC� �V
ADC A�[m]
Add Data Memo�y to ACC with Ca��y
1
Z� C� AC� �V
ADCM A�[m]
Add ACC to Data memo�y with Ca��y
1Note
Z� C� AC� �V
SUB A�x
Su�t�a�t immediate data f�om the ACC
1
Z� C� AC� �V
SUB A�[m]
Su�t�a�t Data Memo�y f�om ACC
1
Z� C� AC� �V
SUBM A�[m]
Su�t�a�t Data Memo�y f�om ACC with �esult in Data Memo�y
1Note
Z� C� AC� �V
SBC A�[m]
Su�t�a�t Data Memo�y f�om ACC with Ca��y
1
Z� C� AC� �V
SBCM A�[m]
Su�t�a�t Data Memo�y f�om ACC with Ca��y� �esult in Data Memo�y
1Note
Z� C� AC� �V
DAA [m]
De�imal adjust ACC fo� Addition with �esult in Data Memo�y
1Note
C
Logic Operation
AND A�[m]
Logi�al AND Data Memo�y to ACC
1
Z
�R A�[m]
Logi�al �R Data Memo�y to ACC
1
Z
X�R A�[m]
Logi�al X�R Data Memo�y to ACC
1
Z
ANDM A�[m]
Logi�al AND ACC to Data Memo�y
1Note
Z
�RM A�[m]
Logi�al �R ACC to Data Memo�y
1Note
Z
X�RM A�[m]
Logi�al X�R ACC to Data Memo�y
1Note
Z
AND A�x
Logi�al AND immediate Data to ACC
1
Z
�R A�x
Logi�al �R immediate Data to ACC
1
Z
X�R A�x
Logi�al X�R immediate Data to ACC
1
Z
CPL [m]
Complement Data Memo�y
1Note
Z
CPLA [m]
Complement Data Memo�y with �esult in ACC
1
Z
Increment & Decrement
INCA [m]
In��ement Data Memo�y with �esult in ACC
1
Z
INC [m]
In��ement Data Memo�y
1Note
Z
DECA [m]
De��ement Data Memo�y with �esult in ACC
1
Z
DEC [m]
De��ement Data Memo�y
1Note
Z
Rotate
RRA [m]
Rotate Data Memo�y �ight with �esult in ACC
1
None
RR [m]
Rotate Data Memo�y �ight
1Note
None
RRCA [m]
Rotate Data Memo�y �ight th�ough Ca��y with �esult in ACC
1
C
RRC [m]
Rotate Data Memo�y �ight th�ough Ca��y
1Note
C
RLA [m]
Rotate Data Memo�y left with �esult in ACC
1
None
RL [m]
Rotate Data Memo�y left
1Note
None
RLCA [m]
Rotate Data Memo�y left th�ough Ca��y with �esult in ACC
1
C
RLC [m]
Rotate Data Memo�y left th�ough Ca��y
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com