Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 114Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 115Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 116Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 117Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 118Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 118 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 0310h
ETHER
C1
ETHERC Status Register
ECSR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0318h
ETHER
C1
ETHERC Interrupt Enable Register
ECSIPR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0320h
ETHER
C1
PHY Interface Register
PIR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0328h
ETHER
C1
PHY Status Register
PSR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0340h
ETHER
C1
Random Number Generation Counter Upper Limit
Setting Register
RDMLR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0350h
ETHER
C1
Interpacket Gap Register
IPGR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0354h
ETHER
C1
Automatic PAUSE Frame Register
APR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0358h
ETHER
C1
Manual PAUSE Frame Register
MPR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0360h
ETHER
C1
Received PAUSE Frame Counter
RFCF
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0364h
ETHER
C1
PAUSE Frame Retransmit Count Setting Register
TPAUSER
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0368h
ETHER
C1
PAUSE Frame Retransmit Counter Register
TPAUSECR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 036Ch
ETHER
C1
Broadcast Frame Receive Count Setting Register
BCFRR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03C0h
ETHER
C1
MAC Address Upper Bit Register
MAHR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03C8h
ETHER
C1
MAC Address Lower Bit Register
MALR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03D0h
ETHER
C1
Transmit Retry Over Counter Register
TROCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03D4h
ETHER
C1
Late Collision Detect Counter Register
CDCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03D8h
ETHER
C1
Lost Carrier Counter Register
LCCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03DCh
ETHER
C1
Carrier Not Detect Counter Register
CNDCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03E4h
ETHER
C1
CRC Error Frame Receive Counter Register
CEFCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03E8h
ETHER
C1
Frame Receive Error Counter Register
FRECR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03ECh
ETHER
C1
Too-Short Frame Receive Counter Register
TSFRCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03F0h
ETHER
C1
Too-Long Frame Receive Counter Register
TLFRCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03F4h
ETHER
C1
Received Alignment Error Frame Counter Register
RFCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 03F8h
ETHER
C1
Multicast Address Frame Receive Counter Register
MAFCR
32
32
13, 14 PCLKA
2 to 7 ICLK
ETHER
C
000C 0400h
PTPED
MAC
EDMAC Mode Register
EDMR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0408h
PTPED
MAC
EDMAC Transmit Request Register
EDTRR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0410h
PTPED
MAC
EDMAC Receive Request Register
EDRRR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0418h
PTPED
MAC
Transmit Descriptor List Start Address Register
TDLAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0420h
PTPED
MAC
Receive Descriptor List Start Address Register
RDLAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0428h
PTPED
MAC
PTP/EDMAC Status Register
EESR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0430h
PTPED
MAC
PTP/EDMAC Status Interrupt Enable Register
EESIPR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
Table 4.1
List of I/O Registers (Address Order) (47 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com