Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 115Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 116Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 117Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 118Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 119 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 0440h
PTPED
MAC
Missed-Frame Counter Register
RMFCR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0448h
PTPED
MAC
Transmit FIFO Threshold Register
TFTR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0450h
PTPED
MAC
FIFO Depth Register
FDR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0458h
PTPED
MAC
Receive Method Control Register
RMCR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0464h
PTPED
MAC
Transmit FIFO Underflow Counter
TFUCR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0468h
PTPED
MAC
Receive FIFO Overflow Counter
RFOCR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0470h
PTPED
MAC
Flow Control Start FIFO Threshold Setting Register
FCFTR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0478h
PTPED
MAC
Receive Data Padding Insert Register
RPADIR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 047Ch
PTPED
MAC
Transmit Interrupt Setting Register
TRIMD
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 04C8h
PTPED
MAC
Receive Buffer Write Address Register
RBWAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 04CCh
PTPED
MAC
Receive Descriptor Fetch Address Register
RDFAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 04D4h
PTPED
MAC
Transmit Buffer Read Address Register
TBRAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 04D8h
PTPED
MAC
Transmit Descriptor Fetch Address Register
TDFAR
32
32
4, 5 PCLKA
2, 3 ICLK
EDMAC
a
000C 0500h
EPTPC
PTP Reset Register
PTRSTR
32
32
3, 4 PCLKA
2, 3 ICLK
EPTPC
000C 0504h
EPTPC
STCA Clock Select Register
STCSELR
32
32
3, 4 PCLKA
2, 3 ICLK
EPTPC
000C 1200h
MTU3
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1201h
MTU4
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1202h
MTU3
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1203h
MTU4
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1204h
MTU3
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1205h
MTU3
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1206h
MTU4
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1207h
MTU4
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1208h
MTU3
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1209h
MTU4
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 120Ah
MTU
Timer Output Master Enable Register A
TOERA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 120Dh
MTU
Timer Gate Control Register A
TGCRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 120Eh
MTU
Timer Output Control Register 1A
TOCR1A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 120Fh
MTU
Timer Output Control Register 2A
TOCR2A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1210h
MTU3
Timer Counter
TCNT
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1212h
MTU4
Timer Counter
TCNT
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1214h
MTU
Timer Cycle Data Register A
TCDRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1216h
MTU
Timer Dead Time Data Register A
TDDRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1218h
MTU3
Timer General Register A
TGRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 121Ah
MTU3
Timer General Register B
TGRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 121Ch
MTU4
Timer General Register A
TGRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 121Eh
MTU4
Timer General Register B
TGRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1220h
MTU
Timer Subcounter A
TCNTSA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1222h
MTU
Timer Cycle Buffer Register A
TCBRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1224h
MTU3
Timer General Register C
TGRC
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1226h
MTU3
Timer General Register D
TGRD
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1228h
MTU4
Timer General Register C
TGRC
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
Table 4.1
List of I/O Registers (Address Order) (48 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com