Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 125Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 126Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 123 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 1C82h
MTU5
Timer General Register U
TGRU
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C84h
MTU5
Timer Control Register U
TCRU
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C85h
MTU5
Timer Control Register 2
TCR2U
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C86h
MTU5
Timer I/O Control Register U
TIORU
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C90h
MTU5
Timer Counter V
TCNTV
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C92h
MTU5
Timer General Register V
TGRV
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C94h
MTU5
Timer Control Register V
TCRV
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C95h
MTU5
Timer Control Register 2
TCR2V
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1C96h
MTU5
Timer I/O Control Register V
TIORV
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CA0h
MTU5
Timer Counter W
TCNTW
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CA2h
MTU5
Timer General Register W
TGRW
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CA4h
MTU5
Timer Control Register W
TCRW
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CA5h
MTU5
Timer Control Register 2
TCR2W
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CA6h
MTU5
Timer I/O Control Register W
TIORW
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CB2h
MTU5
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CB4h
MTU5
Timer Start Register
TSTR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1CB6h
MTU5
Timer Compare Match Clear Register
TCNTCMPCL
R
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 2000h
GPT
General PWM Timer Software Start Register
GTSTR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2002h
GPT
Noise Filter Control Register
NFCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2004h
GPT
General PWM Timer Hardware Source Start/Stop
Control Register
GTHSCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2006h
GPT
General PWM Timer Hardware Source Clear Control
Register
GTHCCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2008h
GPT
General PWM Timer Hardware Start Source Select
Register
GTHSSR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 200Ah
GPT
General PWM Timer Hardware Stop/Clear Source
Select Register
GTHPSR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 200Ch
GPT
General PWM Timer Write-Protection Register
GTWP
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 200Eh
GPT
General PWM Timer Sync Register
GTSYNC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2010h
GPT
General PWM Timer External Trigger Input Interrupt
Register
GTETINT
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2014h
GPT
General PWM Timer Buffer Operation Disable
Register
GTBDR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2018h
GPT
General PWM Timer Start Write-Protection Register
GTSWP
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2100h
GPT0
General PWM Timer I/O Control Register
GTIOR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2102h
GPT0
General PWM Timer Interrupt Output Setting Register GTINTAD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2104h
GPT0
General PWM Timer Control Register
GTCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2106h
GPT0
General PWM Timer Buffer Enable Register
GTBER
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2108h
GPT0
General PWM Timer Count Direction Register
GTUDC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 210Ah
GPT0
General PWM Timer Interrupt and A/D Converter Start
Request Skipping Setting Register
GTITC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 210Ch
GPT0
General PWM Timer Status Register
GTST
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 210Eh
GPT0
General PWM Timer Counter
GTCNT
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2110h
GPT0
General PWM Timer Compare Capture Register A
GTCCRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2112h
GPT0
General PWM Timer Compare Capture Register B
GTCCRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2114h
GPT0
General PWM Timer Compare Capture Register C
GTCCRC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2116h
GPT0
General PWM Timer Compare Capture Register D
GTCCRD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2118h
GPT0
General PWM Timer Compare Capture Register E
GTCCRE
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 211Ah
GPT0
General PWM Timer Compare Capture Register F
GTCCRF
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 211Ch
GPT0
General PWM Timer Cycle Setting Register
GTPR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 211Eh
GPT0
General PWM Timer Cycle Setting Buffer Register
GTPBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2120h
GPT0
General PWM Timer Cycle Setting Double-Buffer
Register
GTPDBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
Table 4.1
List of I/O Registers (Address Order) (52 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com