Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 125Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 126Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 127Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 128Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 129Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 130Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 127 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 4138h
EPTPC
Negative Gradient Limit Register
MLIMITRM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 413Ch
EPTPC
Negative Gradient Limit Register
MLIMITRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4140h
EPTPC
Statistical Information Retention Control Register
GETINFOR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4170h
EPTPC
Local Time Counter
LCCVRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4174h
EPTPC
Local Time Counter
LCCVRM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4178h
EPTPC
Local Time Counter
LCCVRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4210h
EPTPC
Positive Gradient Worst 10 Value Register
PW10VRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4214h
EPTPC
Positive Gradient Worst 10 Value Register
PW10VRM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4218h
EPTPC
Positive Gradient Worst 10 Value Register
PW10VRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 42D0h
EPTPC
Negative Gradient Worst 10 Value Register
MW10RU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 42D4h
EPTPC
Negative Gradient Worst 10 Value Register
MW10RM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 42D8h
EPTPC
Negative Gradient Worst 10 Value Register
MW10RL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4300h
EPTPC
Timer Start Time Setting Register
TMSTTRU0
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4304h
EPTPC
Timer Start Time Setting Register
TMSTTRL0
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4308h
EPTPC
Timer Cycle Setting Register 0
TMCYCR0
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 430Ch
EPTPC
Timer Pulse Width Setting Register 0
TMPLSR0
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4310h
EPTPC
Timer Start Time Setting Register
TMSTTRU1
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4314h
EPTPC
Timer Start Time Setting Register
TMSTTRL1
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4318h
EPTPC
Timer Cycle Setting Register 1
TMCYCR1
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 431Ch
EPTPC
Timer Pulse Width Setting Register 1
TMPLSR1
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4320h
EPTPC
Timer Start Time Setting Register
TMSTTRU2
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4324h
EPTPC
Timer Start Time Setting Register
TMSTTRL2
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4328h
EPTPC
Timer Cycle Setting Register 2
TMCYCR2
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 432Ch
EPTPC
Timer Pulse Width Setting Register 2
TMPLSR2
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4330h
EPTPC
Timer Start Time Setting Register
TMSTTRU3
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4334h
EPTPC
Timer Start Time Setting Register
TMSTTRL3
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4338h
EPTPC
Timer Cycle Setting Register 3
TMCYCR3
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 433Ch
EPTPC
Timer Pulse Width Setting Register 3
TMPLSR3
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4340h
EPTPC
Timer Start Time Setting Register
TMSTTRU4
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4344h
EPTPC
Timer Start Time Setting Register
TMSTTRL4
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4348h
EPTPC
Timer Cycle Setting Register 4
TMCYCR4
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 434Ch
EPTPC
Timer Pulse Width Setting Register 4
TMPLSR4
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4350h
EPTPC
Timer Start Time Setting Register
TMSTTRU5
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4354h
EPTPC
Timer Start Time Setting Register
TMSTTRL5
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4358h
EPTPC
Timer Cycle Setting Register 5
TMCYCR5
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 435Ch
EPTPC
Timer Pulse Width Setting Register 5
TMPLSR5
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 437Ch
EPTPC
Timer Start Register
TMSTARTR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4400h
EPTPC
PRC-TC Status Register
PRSR
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4404h
EPTPC
PRC-TC Status Notification Permission Register
PRIPR
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4410h
EPTPC
Channel 0 Local MAC Address Register
PRMACRU0
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4414h
EPTPC
Channel 0 Local MAC Address Register
PRMACRL0
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4418h
EPTPC
Channel 1 Local MAC Address Register
PRMACRU1
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 441Ch
EPTPC
Channel 1 Local MAC Address Register
PRMACRL1
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4420h
EPTPC
Packet Transmission Control Register
TRNDISR
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4430h
EPTPC
Relay Mode Register
TRNMR
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4434h
EPTPC
Cut-Through Transfer Start Threshold Register
TRNCTTDR
32
32
9, 10 PCLKA
2 to 5 ICLK
EPTPC
000C 4800h
EPTPC
0
SYNFP Status Register
SYSR
32
32
9 to 211 PCLKA
2 to 106 ICLK
EPTPC
000C 4804h
EPTPC
0
SYNFP Status Notification Permission Register
SYIPR
32
32
9 to 211 PCLKA
2 to 106 ICLK
EPTPC
Table 4.1
List of I/O Registers (Address Order) (56 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com