Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 125Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 126Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 127Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 128Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 129Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 126 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 229Ah
GPT3
General PWM Timer Compare Capture Register F
GTCCRF
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 229Ch
GPT3
General PWM Timer Cycle Setting Register
GTPR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 229Eh
GPT3
General PWM Timer Cycle Setting Buffer Register
GTPBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22A0h
GPT3
General PWM Timer Cycle Setting Double-Buffer
Register
GTPDBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22A4h
GPT3
A/D Converter Start Request Timing Register A
GTADTRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22A6h
GPT3
A/D Converter Start Request Timing Buffer Register A GTADTBRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22A8h
GPT3
A/D Converter Start Request Timing Double-Buffer
Register A
GTADTDBRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22ACh
GPT3
A/D Converter Start Request Timing Register B
GTADTRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22AEh
GPT3
A/D Converter Start Request Timing Buffer Register B GTADTBRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22B0h
GPT3
A/D Converter Start Request Timing Double-Buffer
Register B
GTADTDBRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22B4h
GPT3
General PWM Timer Output Negate Control Register
GTONCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22B6h
GPT3
General PWM Timer Dead Time Control Register
GTDTCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22B8h
GPT3
General PWM Timer Dead Time Value Register U
GTDVU
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22BAh
GPT3
General PWM Timer Dead Time Value Register D
GTDVD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22BCh
GPT3
General PWM Timer Dead Time Buffer Register U
GTDBU
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22BEh
GPT3
General PWM Timer Dead Time Buffer Register D
GTDBD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22C0h
GPT3
General PWM Timer Output Protection Function
Status Register
GTSOS
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 22C2h
GPT3
General PWM Timer Output Protection Function
Temporary Release Register
GTSOTR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 4000h
EPTPC
MINT Interrupt Source Status Register
MIESR
32
32
5, 6 PCLKA
2, 3 ICLK
EPTPC
000C 4004h
EPTPC
MINT Interrupt Request Permission Register
MIEIPR
32
32
5, 6 PCLKA
2, 3 ICLK
EPTPC
000C 4010h
EPTPC
ELC Output/IPLS Interrupt Request Permission
Register
ELIPPR
32
32
5, 6 PCLKA
2, 3 ICLK
EPTPC
000C 4014h
EPTPC
ELC Output/IPLS Interrupt Permission Automatic
Clearing Register
ELIPACR
32
32
5, 6 PCLKA
2, 3 ICLK
EPTPC
000C 4040h
EPTPC
STCA Status Register
STSR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4044h
EPTPC
STCA Status Notification Permission Register
STIPR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4050h
EPTPC
STCA Clock Frequency Setting Register
STCFR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4054h
EPTPC
STCA Operating Mode Register
STMR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4058h
EPTPC
Sync Message Reception Timeout Register
SYNTOR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4060h
EPTPC
IPLS Interrupt Request Timer Select Register
IPTSELR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4064h
EPTPC
MINT Interrupt Request Timer Select Register
MITSELR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4068h
EPTPC
ELC Output Timer Select Register
ELTSELR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 406Ch
EPTPC
Time Synchronization Channel Select Register
STCHSELR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4080h
EPTPC
Slave Time Synchronization Start Register
SYNSTARTR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4084h
EPTPC
Local Time Counter Initial Value Load Directive
Register
LCIVLDR
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4090h
EPTPC
Synchronization Loss Detection Threshold Register
SYNTDARU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4094h
EPTPC
Synchronization Loss Detection Threshold Register
SYNTDARL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4098h
EPTPC
Synchronization Detection Threshold Register
SYNTDBRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 409Ch
EPTPC
Synchronization Detection Threshold Register
SYNTDBRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 40B0h
EPTPC
Local Time Counter Initial Value Register
LCIVRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 40B4h
EPTPC
Local Time Counter Initial Value Register
LCIVRM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 40B8h
EPTPC
Local Time Counter Initial Value Register
LCIVRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4124h
EPTPC
Worst 10 Acquisition Directive Register
GETW10R
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4128h
EPTPC
Positive Gradient Limit Register
PLIMITRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 412Ch
EPTPC
Positive Gradient Limit Register
PLIMITRM
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4130h
EPTPC
Positive Gradient Limit Register
PLIMITRL
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
000C 4134h
EPTPC
Negative Gradient Limit Register
MLIMITRU
32
32
8 to 43 PCLKA
2 to 22 ICLK
EPTPC
Table 4.1
List of I/O Registers (Address Order) (55 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com