Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 125Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 126Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 127Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 128Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 125 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 21C2h
GPT1
General PWM Timer Output Protection Function
Temporary Release Register
GTSOTR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2200h
GPT2
General PWM Timer I/O Control Register
GTIOR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2202h
GPT2
General PWM Timer Interrupt Output Setting Register GTINTAD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2204h
GPT2
General PWM Timer Control Register
GTCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2206h
GPT2
General PWM Timer Buffer Enable Register
GTBER
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2208h
GPT2
General PWM Timer Count Direction Register
GTUDC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 220Ah
GPT2
General PWM Timer Interrupt and A/D Converter Start
Request Skipping Setting Register
GTITC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 220Ch
GPT2
General PWM Timer Status Register
GTST
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 220Eh
GPT2
General PWM Timer Counter
GTCNT
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2210h
GPT2
General PWM Timer Compare Capture Register A
GTCCRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2212h
GPT2
General PWM Timer Compare Capture Register B
GTCCRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2214h
GPT2
General PWM Timer Compare Capture Register C
GTCCRC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2216h
GPT2
General PWM Timer Compare Capture Register D
GTCCRD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2218h
GPT2
General PWM Timer Compare Capture Register E
GTCCRE
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 221Ah
GPT2
General PWM Timer Compare Capture Register F
GTCCRF
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 221Ch
GPT2
General PWM Timer Cycle Setting Register
GTPR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 221Eh
GPT2
General PWM Timer Cycle Setting Buffer Register
GTPBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2220h
GPT2
General PWM Timer Cycle Setting Double-Buffer
Register
GTPDBR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2224h
GPT2
A/D Converter Start Request Timing Register A
GTADTRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2226h
GPT2
A/D Converter Start Request Timing Buffer Register A GTADTBRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2228h
GPT2
A/D Converter Start Request Timing Double-Buffer
Register A
GTADTDBRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 222Ch
GPT2
A/D Converter Start Request Timing Register B
GTADTRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 222Eh
GPT2
A/D Converter Start Request Timing Buffer Register B GTADTBRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2230h
GPT2
A/D Converter Start Request Timing Double-Buffer
Register B
GTADTDBRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2234h
GPT2
General PWM Timer Output Negate Control Register
GTONCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2236h
GPT2
General PWM Timer Dead Time Control Register
GTDTCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2238h
GPT2
General PWM Timer Dead Time Value Register U
GTDVU
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 223Ah
GPT2
General PWM Timer Dead Time Value Register D
GTDVD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 223Ch
GPT2
General PWM Timer Dead Time Buffer Register U
GTDBU
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 223Eh
GPT2
General PWM Timer Dead Time Buffer Register D
GTDBD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2240h
GPT2
General PWM Timer Output Protection Function
Status Register
GTSOS
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2242h
GPT2
General PWM Timer Output Protection Function
Temporary Release Register
GTSOTR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2280h
GPT3
General PWM Timer I/O Control Register
GTIOR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2282h
GPT3
General PWM Timer Interrupt Output Setting Register GTINTAD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2284h
GPT3
General PWM Timer Control Register
GTCR
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2286h
GPT3
General PWM Timer Buffer Enable Register
GTBER
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2288h
GPT3
General PWM Timer Count Direction Register
GTUDC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 228Ah
GPT3
General PWM Timer Interrupt and A/D Converter Start
Request Skipping Setting Register
GTITC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 228Ch
GPT3
General PWM Timer Status Register
GTST
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 228Eh
GPT3
General PWM Timer Counter
GTCNT
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2290h
GPT3
General PWM Timer Compare Capture Register A
GTCCRA
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2292h
GPT3
General PWM Timer Compare Capture Register B
GTCCRB
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2294h
GPT3
General PWM Timer Compare Capture Register C
GTCCRC
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2296h
GPT3
General PWM Timer Compare Capture Register D
GTCCRD
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
000C 2298h
GPT3
General PWM Timer Compare Capture Register E
GTCCRE
16
16
4, 5 PCLKA
2, 3 ICLK
GPTA
Table 4.1
List of I/O Registers (Address Order) (54 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com