Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 117Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 118Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 121 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 1322h
MTU0
Timer General Register F
TGRF
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1324h
MTU0
Timer Interrupt Enable Register 2
TIER2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1326h
MTU0
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1328h
MTU0
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1380h
MTU1
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1381h
MTU1
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1382h
MTU1
Timer I/O Control Register
TIOR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1384h
MTU1
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1385h
MTU1
Timer Status Register
TSR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1386h
MTU1
Timer Counter
TCNT
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1388h
MTU1
Timer General Register A
TGRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 138Ah
MTU1
Timer General Register B
TGRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1390h
MTU1
Timer Input Capture Control Register
TICCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1391h
MTU1
Timer Mode Register 3
TMDR3
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1394h
MTU1
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 13A0h
MTU1
Timer Longword Counter
TCNTLW
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 13A4h
MTU1
Timer Longword General Register
TGRALW
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 13A8h
MTU1
Timer Longword General Register
TGRBLW
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1400h
MTU2
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1401h
MTU2
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1402h
MTU2
Timer I/O Control Register
TIOR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1404h
MTU2
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1405h
MTU2
Timer Status Register
TSR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1406h
MTU2
Timer Counter
TCNT
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1408h
MTU2
Timer General Register A
TGRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 140Ah
MTU2
Timer General Register B
TGRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 140Ch
MTU2
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1600h
MTU8
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1601h
MTU8
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1602h
MTU8
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1603h
MTU8
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1604h
MTU8
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1606h
MTU8
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1608h
MTU8
Timer Counter
TCNT
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 160Ch
MTU8
Timer General Register A
TGRA
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1610h
MTU8
Timer General Register B
TGRB
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1614h
MTU8
Timer General Register C
TGRC
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1618h
MTU8
Timer General Register D
TGRD
32
32
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A00h
MTU6
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A01h
MTU7
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A02h
MTU6
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A03h
MTU7
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A04h
MTU6
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A05h
MTU6
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A06h
MTU7
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A07h
MTU7
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A08h
MTU6
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A09h
MTU7
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A0Ah
MTU
Timer Output Master Enable Register B
TOERB
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1A0Eh
MTU
Timer Output Control Register 1B
TOCR1B
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
Table 4.1
List of I/O Registers (Address Order) (50 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com