Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 116Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 117Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 118Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 120 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000C 122Ah
MTU4
Timer General Register D
TGRD
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 122Ch
MTU3
Timer Status Register
TSR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 122Dh
MTU4
Timer Status Register
TSR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1230h
MTU
Timer Interrupt Skipping Set Register 1A
TITCR1A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1231h
MTU
Timer Interrupt Skipping Counter 1A
TITCNT1A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1232h
MTU
Timer Buffer Transfer Set Register A
TBTERA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1234h
MTU
Timer Dead Time Enable Register A
TDERA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1236h
MTU
Timer Output Level Buffer Register A
TOLBRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1238h
MTU3
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1239h
MTU4
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 123Ah
MTU
Timer Interrupt Skipping Mode Register A
TITMRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 123Bh
MTU
Timer Interrupt Skipping Set Register 2A
TITCR2A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 123Ch
MTU
Timer Interrupt Skipping Counter 2A
TITCNT2A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1240h
MTU4
Timer A/D Converter Start Request Control Register
TADCR
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1244h
MTU4
Timer A/D Converter Start Request Cycle Set Register
A
TADCORA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1246h
MTU4
Timer A/D Converter Start Request Cycle Set Register
B
TADCORB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1248h
MTU4
Timer A/D Converter Start Request Cycle Set Buffer
Register A
TADCOBRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 124Ah
MTU4
Timer A/D Converter Start Request Cycle Set Buffer
Register B
TADCOBRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 124Ch
MTU3
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 124Dh
MTU4
Timer Control Register 2
TCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1260h
MTU
Timer Waveform Control Register A
TWCRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1270h
MTU
Timer Mode Register 2A
TMDR2A
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1272h
MTU3
Timer General Register E
TGRE
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1274h
MTU4
Timer General Register E
TGRE
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1276h
MTU4
Timer General Register F
TGRF
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1280h
MTU
Timer Start Register A
TSTRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1281h
MTU
Timer Synchronous Register A
TSYRA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1282h
MTU
Timer Counter Synchronous Start Register
TCSYSTR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1284h
MTU
Timer Read/Write Enable Register A
TRWERA
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1290h
MTU0
Noise Filter Control Register 0
NFCR0
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1291h
MTU1
Noise Filter Control Register 1
NFCR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1292h
MTU2
Noise Filter Control Register 2
NFCR2
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1293h
MTU3
Noise Filter Control Register 3
NFCR3
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1294h
MTU4
Noise Filter Control Register 4
NFCR4
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1298h
MTU8
Noise Filter Control Register 8
NFCR8
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1299h
MTU0
Noise Filter Control Register C
NFCRC
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1300h
MTU0
Timer Control Register
TCR
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1301h
MTU0
Timer Mode Register 1
TMDR1
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1302h
MTU0
Timer I/O Control Register H
TIORH
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1303h
MTU0
Timer I/O Control Register L
TIORL
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1304h
MTU0
Timer Interrupt Enable Register
TIER
8
8
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1306h
MTU0
Timer Counter
TCNT
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1308h
MTU0
Timer General Register A
TGRA
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 130Ah
MTU0
Timer General Register B
TGRB
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 130Ch
MTU0
Timer General Register C
TGRC
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 130Eh
MTU0
Timer General Register D
TGRD
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
000C 1320h
MTU0
Timer General Register E
TGRE
16
16
5, 6 PCLKA
2, 3 ICLK
MTU3a
Table 4.1
List of I/O Registers (Address Order) (49 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com