Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 5 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 5 Page - Winbond

  W39V040FAQ Datasheet HTML 1Page - Winbond W39V040FAQ Datasheet HTML 2Page - Winbond W39V040FAQ Datasheet HTML 3Page - Winbond W39V040FAQ Datasheet HTML 4Page - Winbond W39V040FAQ Datasheet HTML 5Page - Winbond W39V040FAQ Datasheet HTML 6Page - Winbond W39V040FAQ Datasheet HTML 7Page - Winbond W39V040FAQ Datasheet HTML 8Page - Winbond W39V040FAQ Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 5 -
Revision A2
Hardware Data Protection
The integrity of the data stored in the W39V040FA is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A #WE pulse of less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming and read operation are inhibited when VDD is
less than 1.5V typical.
(3) Write Inhibit Mode: Forcing #OE low or #WE high will inhibit the write operation. This prevents
inadvertent writes during power-up or power-down periods.
(4) VDD power-on delay: When VDD has reached its sense level, the device will automatically time-out
5 mS before any write (erase/program) operation.
Data Polling (DQ7)- Write Status Detection
The W39V040FA includes a data polling feature to indicate the end of a program or erase cycle.
When the W39V040FA is in the internal program or erase cycle, any attempts to read DQ7 of the last
byte loaded will receive the complement of the true data. Once the program or erase cycle is
completed, DQ7 will show the true data. Note that DQ7 will show logical "0" during the erase cycle,
and when erase cycle has been completed it becomes logical "1" or true data.
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W39V040FA provides another method for determining the end of a
program cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 will
produce alternating 0's and 1's. When the program or erase cycle is completed, this toggling between
0's and 1's will stop. The device is then ready for the next operation.
Register
There are three kinds of registers on this device, the General Purpose Input Registers, the Block Lock
Control Registers and Product Identification Registers. Users can access these registers through
respective address in the 4Gbytes memory map. There are detail descriptions in the sections below.
General Purpose Inputs Register
This register reads the FGPI[4:0] pins on the W39V040FA.This is a pass-through register which can
read via memory address FFBC0100(hex). Since it is pass-through register, there is no default value.
GPI Register Table
BIT
FUNCTION
7
− 5
Reserved
4
Read FGPI4 pin status
3
Read FGPI3 pin status
2
Read FGPI2 pin status
1
Read FGPI1 pin status
0
Read FGPI0 pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com