Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 14 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 14 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 10Page - Winbond W39V040FAQ Datasheet HTML 11Page - Winbond W39V040FAQ Datasheet HTML 12Page - Winbond W39V040FAQ Datasheet HTML 13Page - Winbond W39V040FAQ Datasheet HTML 14Page - Winbond W39V040FAQ Datasheet HTML 15Page - Winbond W39V040FAQ Datasheet HTML 16Page - Winbond W39V040FAQ Datasheet HTML 17Page - Winbond W39V040FAQ Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
W39V040FA
- 14 -
Boot Block Lockout Enable Acquisition Flow
Boot Block Lockout
Feature Set Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40/70
to
address 5555
Exit
40 to lock 64K Boot Block
70 to lcok 16K Boot Block
Pause T BP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com