Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 33 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 33 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 28Page - Winbond W39V040FAQ Datasheet HTML 29Page - Winbond W39V040FAQ Datasheet HTML 30Page - Winbond W39V040FAQ Datasheet HTML 31Page - Winbond W39V040FAQ Datasheet HTML 32Page - Winbond W39V040FAQ Datasheet HTML 33Page - Winbond W39V040FAQ Datasheet HTML 34Page - Winbond W39V040FAQ Datasheet HTML 35Page - Winbond W39V040FAQ Datasheet HTML 36Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 33 -
Revision A2
12. ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
POWER SUPPLY
CURRENT MAX.
(mA)
STANDBY VDD
CURRENT MAX.
(mA)
PACKAGE
W39V040FAP
11
20
10
32L PLCC
W39V040FAQ
11
20
10
32L STSOP
W39V040FAT
11
20
10
40L TSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in
applications where personal injury might occur as a consequence of product failure.
13. HOW TO READ THE TOP MARKING
Example: The top marking of 32-pin STSOP W39V040FAQ
1
st line: Winbond logo
2
nd line: the part number: W39V040FAQ
3
rd line: the lot number
4
th line: the tracking code: 149 O B SA
149: Packages made in '01, week 49
O: Assembly house ID: A means ASE, O means OSE, ...etc.
B: IC revision; A means version A, B means version B, ...etc.
SA: Process code
W39V040FAQ
2138977A-A12
149OBSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com