Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 24 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 24 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 20Page - Winbond W39V040FAQ Datasheet HTML 21Page - Winbond W39V040FAQ Datasheet HTML 22Page - Winbond W39V040FAQ Datasheet HTML 23Page - Winbond W39V040FAQ Datasheet HTML 24Page - Winbond W39V040FAQ Datasheet HTML 25Page - Winbond W39V040FAQ Datasheet HTML 26Page - Winbond W39V040FAQ Datasheet HTML 27Page - Winbond W39V040FAQ Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
W39V040FA
- 24 -
11. TIMING WAVEFORMS FOR FWH INTERFACE MODE
Read Cycle Timing Diagram
TCYC
FWH4
#RESET
FWH[3:0]
Start
FWH
Read
IDSEL
CLK
1 Clock
2 Clocks
A[15:12]
Address
Sync
TAR
1111b
Tri-State
0000b
TKQ
THD
TSU
A[11:8]
A[7:4]
0000
b]
Data out 2 Clocks
D[7:4]
Data
D[3:0]
Next Start
1 Clock
0000b
THD
TSU
Load Address in 7
Clocks
A[3:0]
M Size
XXXXb XA[22]XXb XXA[18:16]
1 Clock
1 Clock
0000b
1101b
Note: When A22 = high, the host will read the BIOS code from the FWH d
While A22 = low, the host will read the GPI (Add = FFBC0100
Product ID (Add = FFBC0000/FFBC0001) from the FWH dev
1111b
Tri-State
2 Clocks
TAR
Write Cycle Timing Diagram
TCYC
FWH4
#RESET
FWH[3:0]
Start
FWH
Write
IDSEL
CLK
Next Start
1 Clock
1 Clock
A[15:12]
Load Data in 2 Clocks
D[7:4]
Address
Sync
2 Clocks
TAR
Data
1111b
Tri-State
0000b
THD
TSU
A[11:8]
A[7:4]
0000b
D[3:0]
0000b
Load Address in 7 Clocks
A[3:0]
M Size
XXXXb
XXXXb XXA[18:16]b
1 Clock
1 Clock
0000b
1110b
2 Clocks
TAR
1111b
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com