Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 22 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 22 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 18Page - Winbond W39V040FAQ Datasheet HTML 19Page - Winbond W39V040FAQ Datasheet HTML 20Page - Winbond W39V040FAQ Datasheet HTML 21Page - Winbond W39V040FAQ Datasheet HTML 22Page - Winbond W39V040FAQ Datasheet HTML 23Page - Winbond W39V040FAQ Datasheet HTML 24Page - Winbond W39V040FAQ Datasheet HTML 25Page - Winbond W39V040FAQ Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
W39V040FA
- 22 -
Timing Waveforms for Programmer Interface Mode, continued
Chip Erase Timing Diagram
DQ[7:0]
AA
55
80
AA
55
10
SB2
SB1
SB0
#OE
#WE
SB3
SB4
SB5
Internal Erasure Starts
TWP
TWPH
TEC
#C
R/
Note: The internal address A[18:0] are converted from external Column/Row addre
Column/Row Address are mapped to the Low/High order internal addre
i.e. Column Address A[10:0] are mapped to the internal A[10:0],
Row Address A[7:0] are mapped to the internal A[18:11].
(Internal A[18:0])
Six-byte code for 3.3V-only software chip erase
5555
2AAA
5555
5555
2AAA
5555
A[10:0]
Sector/Page Erase Timing Diagram
SB2
SB1
SB0
A[10:0]
DQ[7:0]
#OE
#WE
SB3
SB4
SB5
Internal Erase starts
Six-byte code for 3.3V-only
Sector/Page Erase
TWP
TWPH
TPEC
5555
2AAA
5555
5555
2AAA
SA/PA
AA
55
80
AA
55
30/50
SA = Sector Address and PA = Page Address, Please ref. to the "Table of Command Definition"
Note: The internal address A[18:0] are converted from external Column/Row address
Column/Row Address are mapped to the Low/High order internal address
i.e. Column Address A[10:0] are mapped to the internal A[10:0],
Row Address A[7:0] are mapped to the internal A[18:11].
#C
R/
(Internal A[18:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com