Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 18 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 18 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 14Page - Winbond W39V040FAQ Datasheet HTML 15Page - Winbond W39V040FAQ Datasheet HTML 16Page - Winbond W39V040FAQ Datasheet HTML 17Page - Winbond W39V040FAQ Datasheet HTML 18Page - Winbond W39V040FAQ Datasheet HTML 19Page - Winbond W39V040FAQ Datasheet HTML 20Page - Winbond W39V040FAQ Datasheet HTML 21Page - Winbond W39V040FAQ Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
W39V040FA
- 18 -
Programmer Interface Mode AC Characteristics, continued
Read Cycle Timing Parameters
(VDD = 3.3V
± 0.3V, VSS = 0V, TA = 0 to 70° C)
W39V040FA
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Read Cycle Time
TRC
300
-
nS
Row / Column Address Set Up Time
TAS
50
-
nS
Row / Column Address Hold Time
TAH
50
-
nS
Address Access Time
TAA
-
150
nS
Output Enable Access Time
TOE
-
75
nS
#OE Low to Active Output
TOLZ
0
-
nS
#OE High to High-Z Output
TOHZ
-
35
nS
Output Hold from Address Change
TOH
0
-
nS
Write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reset Time
TRST
1
-
-
µS
Address Setup Time
TAS
50
-
-
nS
Address Hold Time
TAH
50
-
-
nS
R/#C to Write Enable High Time
TCWH
50
-
-
nS
#WE Pulse Width
TWP
100
-
-
nS
#WE High Width
TWPH
100
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
50
-
-
nS
#OE Hold Time
TOEH
0
-
-
nS
Byte programming Time
TBP
-
35
50
µS
Sector/Page Erase Cycle Time
TPEC
-
20
25
mS
Chip Erase Cycle Time
TEC
-
75
100
mS
Note: All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is input high and (b) low level signal's reference level is input low.
Ref. to the AC testing condition.
Data Polling and Toggle Bit Timing Parameters
W39V040FA
UNIT
PARAMETER
SYMBOL
MIN.
MAX.
#OE to Data Polling Output Delay
TOEP
-
40
nS
#OE to Toggle Bit Output Delay
TOET
-
40
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com