Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 13 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 13 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 9Page - Winbond W39V040FAQ Datasheet HTML 10Page - Winbond W39V040FAQ Datasheet HTML 11Page - Winbond W39V040FAQ Datasheet HTML 12Page - Winbond W39V040FAQ Datasheet HTML 13Page - Winbond W39V040FAQ Datasheet HTML 14Page - Winbond W39V040FAQ Datasheet HTML 15Page - Winbond W39V040FAQ Datasheet HTML 16Page - Winbond W39V040FAQ Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 13 -
Revision A2
Software Product Identification and Boot Block Lockout Detection Acquisition
Flow
Product
Identification
Entry (1)
Load data 55
to
address 2AAA
Load data 90
to
address 5555
Pause 10 S
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = 34
Read address = 7FFF2
Check DQ[3:0] of data
outputs
(4)
Product
Identification Exit(6)
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Normal Mode
(5)
(2)
(2)
Load data AA
to
address 5555
µ
Load data AA
to
address 5555
Pause 10 S
µ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
− DQ0 (Hex); Address Format: A14 − A0 (Hex)
(2) A1
− A18 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block lockout detection mode if power down.
(4) The DQ[3:0] to indicate the sectors protect status as below:
DQ0
DQ1
DQ2
DQ3
0
64K Boot Block
Unlocked by Software
16Kbytes Boot Block
Unlocked by Software
64Kbytes Boot Block
Unlocked by #TBL
hardware trapping
Whole Chip Unlocked by #WP
hardware trapping Except Boot
Block
1
64K Boot Block
Locked by Software
16Kbytes Boot Block
Locked by Software
64Kbytes Boot Block
Locked by #TBL hardware
trapping
Whole Chip Locked by #WP
hardware trapping Except Boot
Block
(5) The device returns to standard operation mode.
(6) Optional 1-write cycle (write F0 (hex.) at XXXX address) can be used to exit the product identification/boot block lockout
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com