Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 6 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 6 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 2Page - Winbond W39V040FAQ Datasheet HTML 3Page - Winbond W39V040FAQ Datasheet HTML 4Page - Winbond W39V040FAQ Datasheet HTML 5Page - Winbond W39V040FAQ Datasheet HTML 6Page - Winbond W39V040FAQ Datasheet HTML 7Page - Winbond W39V040FAQ Datasheet HTML 8Page - Winbond W39V040FAQ Datasheet HTML 9Page - Winbond W39V040FAQ Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
W39V040FA
- 6 -
Block Locking Registers
This part provides 8 even 64Kbytes blocks, and each block can be locked by register control. These
control registers can be set or clear through memory address. Below is the detail description.
Block Locking Registers type and access memory map Table
REGISTERS
REGISTERS
TYPE
CONTROL
BLOCK
DEVICE PHYSICAL
ADDRESS
4GBYTES SYSTEM
MEMORY ADDRESS
BLR7
R/W
7
7FFFFh – 70000h
FFBF0002h
BLR6
R/W
6
6FFFFh – 60000h
FFBE0002h
BLR5
R/W
5
5FFFFh – 50000h
FFBD0002h
BLR4
R/W
4
4FFFFh – 40000h
FFBC0002h
BLR3
R/W
3
3FFFFh – 30000h
FFBB0002h
BLR2
R/W
2
2FFFFh – 20000h
FFBA0002h
BLR1
R/W
1
1FFFFh – 10000h
FFB90002h
BLR0
R/W
0
0FFFFh – 00000h
FFB80002h
Block Locking Register Bits Function Table
BIT
FUNCTION
7 – 3
Reserved
2
Read Lock
1: Prohibit to read in the block where set
0: Normal read operation in the block where clear. This is default state.
1
Lock Down
1: Prohibit further to set or clear the Read Lock or Write Lock bits. This Lock Down
Bit can only be set not clear. Only the device is reset or re-powered, the Lock
Down Bit is cleared.
0: Normal operation for Read Lock or Write Lock. This is the default state.
0
Write Lock
1: Prohibited to write in the block where set. This is default state.
0: Normal programming/erase operation in the block where clear.
Register Based Block Locking Value Definitions Table
BIT [7:3]
BIT 2
BIT 1
BIT 0
RESULT
00000
0
0
0
Full Access.
00000
0
0
1
Write Lock. Default State.
00000
0
1
0
Locked Open (Full Access, Lock Down).
00000
0
1
1
Write Locked, Locked Down.
00000
1
0
0
Read Locked.
00000
1
0
1
Read & Write Locked.
00000
1
1
0
Read Locked, Locked Down.
00000
1
1
1
Read & Write Locked, Locked Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com