Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 31 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 31 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 27Page - Winbond W39V040FAQ Datasheet HTML 28Page - Winbond W39V040FAQ Datasheet HTML 29Page - Winbond W39V040FAQ Datasheet HTML 30Page - Winbond W39V040FAQ Datasheet HTML 31Page - Winbond W39V040FAQ Datasheet HTML 32Page - Winbond W39V040FAQ Datasheet HTML 33Page - Winbond W39V040FAQ Datasheet HTML 34Page - Winbond W39V040FAQ Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 31 -
Revision A2
Timing Waveforms for FWH Interface Mode, continued
Page Erase Timing Diagram
CLK
#RESET
FWH4
1st Start
Load Address "5555" in 7 Clocks
1 Clock
1 Clock
Start next
command
1 Clock
2 Clocks
1 Clock
X101b
0101b
0101b
0101b
Load Data "AA"
in 2 Clocks
1010b
1010b
Write the 1st command to the device in FWH mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
0000b
1110b
IDSEL
0000b
M Size
XXXXb
XXXXb
XXXXb
2 Clocks
TAR
1111b
Tri-State
#RESET
CLK
FWH4
FWH[3:0]
#RESET
CLK
2nd Start
Load Address "2AAA" in 7 Clocks
1 Clock
1 Clock
Start next
command
1 Clock
2 Clocks
1 Clock
X010b
1010b
1010b
1010b
Load Data "55"
in 2 Clocks
0101b
0101b
Write the 2nd command to the device in FWH mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
0000b
1110b
IDSEL
0000b
M
Size
XXXXb
XXXXb
XXXXb
2 Clocks
TAR
1111b
Tri-State
FWH4
FWH[3:0]
#RESET
CLK
3rd Start
Load Address "5555" in 7 Clocks
1 Clocks
1 Clocks
Start next
command
1 Clocks
2 Clocks
1 Clocks
X101b
0101b
0101b
0101b
Load Data "80"
in 2 Clocks
1000b
0000b
Write the 3rd command to the device in FWH mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
0000b
1110b
IDSEL
0000b
M Size
XXXXb
XXXXb
XXXXb
2 Clocks
TAR
1111b
Tri-State
FWH4
4th Start
Load Address "5555" in 7 Clocks
1 Clock
1 Clock
Start next
command
1 Clock
2 Clocks
1 Clock
X101b
0101b
0101b
0101b
Load Data "AA"
in 2 Clocks
1010b
1010b
Write the 4th command to the device in FWH mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
#RESET
CLK
0000b
1110b
IDSEL
0000b
M Size
XXXXb
XXXXb
XXXXb
2 Clocks
TAR
1111b
Tri-State
5th Start
Load Address "2AAA" in 7 Clocks
1 Clock
1 Clock
Start next
command
1 Clock
1 Clock
X010b
1010b
1010b
1010b
Load Data "55"
in 2 Clocks
0101b
0101b
Write the 5th command to the device in FWH mode.
Address
Sync
2 Clocks
TAR
Data
1111b
Tri-State
0000b
FWH4
FWH[3:0]
0000b
1110b
IDSEL
0000b
M Size
XXXXb
XXXXb
XXXXb
2 Clocks
TAR
1111b
Tri-State
#RESET
CLK
6th Start
Load Page Address in 7 Clocks
Sync
Internal
erase start
1 Clock
A[15:12]
Load Din
in 2 Clocks
0101b
Write the 6th command(target page to be erased) to the device in FWH mode.
0000b
TAR
2 Clocks
1111b
Tri-State
0000b
Data
Address
FWH4
FWH[3:0]
XXXXb
XXXXb
XXXXb
IDSEL
Internal
erase start
0000b
M Size
XXXXb
XA[18:16]b
XXXXb
TAR
2 Clocks
1111b Tri-State
1 Clock
1 Clock
0000b
1110b
FWH[3:0]
FWH[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com