Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FAQ Datasheet(PDF) 25 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 25 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 21Page - Winbond W39V040FAQ Datasheet HTML 22Page - Winbond W39V040FAQ Datasheet HTML 23Page - Winbond W39V040FAQ Datasheet HTML 24Page - Winbond W39V040FAQ Datasheet HTML 25Page - Winbond W39V040FAQ Datasheet HTML 26Page - Winbond W39V040FAQ Datasheet HTML 27Page - Winbond W39V040FAQ Datasheet HTML 28Page - Winbond W39V040FAQ Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 25 -
Revision A2
Timing Waveforms, for FWH Interface Mode, continued
Program Cycle Timing Diagram
FWH4
#RESET
FWH[3:0 ]
1st Start
IDSEL
Load Address "5555" in 7 Clocks
CLK
1 Clock
2 Clocks
Load Data "AA" in 2 Clocks
1010b
1010b
Write the 1st command to the device in FWH mode.
2nd Start
Load Address "2AAA" in 7 Clocks
1 Clock
2 Clocks
Load Data "55"
in 2 Clocks
0101b
0101b
Write the 2nd command to the device in FWH mode.
3rd Start
Load Address "5555" in 7 Clocks
1 Clock
2 Clocks
Load Data "A0"
in 2 Clocks
1010b
0000b
Write the 3rd command to the device in FWH mode.
4th Start
Load Ain in 7 Clocks
FWH4
#RESET
FWH[3:0 ]
CLK
FWH4
#RESET
FWH[3:0 ]
CLK
FWH4
#RESET
FWH[3:0 ]
CLK
Sync
Internal
program start
TAR
1 Clock
2 Clocks
A[15:12]
Load Din in 2 Clocks
D[7:4]
Write the 4th command(target location to be programmed) to the device in FWH mode.
A[11:8]
A[7:4]
A[3:0]
D[3:0]
1111b
Tri-State
0000b
Data
Address
Address
Address
Address
Sync
TAR
Data
Sync
TAR
Data
Sync
TAR
Data
1111b
Tri-State
0000b
1111b
Tri-State
0000b
1111b
Tri-State
0000b
IDSEL
Internal
program start
IDSEL
IDSEL
0000b
0000b
0000b
0000b
X101b
0101b
0101b
0101b
X010b
1010b
1010b
1010b
X101b
0101b
0101b
0101b
M Size
M Size
M Size
M Size
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XA[18:16]b
XXXXb
XXXXb
XXXXb
XXXXb
1 Clock
1 Clock
0000b
1110b
1 Clock
1 Clock
0000b
1110b
1 Clock
1 Clock
0000b
1110b
1 Clock
1 Clock
0000b
1110b
Start next
command
1 Clock
2 Clocks
TAR
1111b
Tri-State
Start next
command
1 Clock
2 Clocks
TAR
1111b
Tri-State
Start next
command
1 Clock
2 Clocks
TAR
1111b
Tri-State
TAR
2 Clocks
1111b Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com