Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 164 page
background image
ADCR Register
Bit
76543210
Name
START
EOCB
¾¾¾
ACS2
ACS1
ACS0
R/W
R/W
R
¾¾¾
R/W
R/W
R/W
POR
0
1
¾¾¾
000
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
Bit 6
EOCB: End of A/D Conversion flag
0: A/D conversion ended
1: A/D conversion waiting or in progress
Bit 5~3
unimplemented, read as
²0²
Bit 2~0
ACS2~ACS0: A/D converter channel selection bits
000: AN0 is selected
001: AN1 is selected
010: AN2 is selected
011: AN3 is selected
100: AN4 is selected
101: AN5 is selected
110: AN6 is selected
111: AN7 is selected
only valid if ACS4=0
ADPCR Register
Bit
76543210
Name
PCR7
PCR6
PCR5
PCR4
PCR3
PCR2
PCR1
PCR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
PCR7~PCR0: A/D converter analog channel configuration
0: I/O pin or other pin-shared function
1: A/D analog channel
When the related bit is set to 1, the corresponding pin is used as an analog input and all other
pin-shared functions are disabled automatically.
The START bit in the register is used to start and reset the A/D converter. When the microcontroller
sets this bit from low to high and then low again, an analog to digital conversion cycle will be initi-
ated. When the START bit is brought from low to high but not low again, the EOCB bit in the ADCR
register will be set to a ²1² and the analog to digital converter will be reset. It is the START bit that is
used to control the overall on/off operation of the internal analog to digital converter.
The EOCB bit in the ADCR register is used to indicate when the analog to digital conversion process is
complete. This bit will be automatically set to ²0² by the microcontroller after a conversion cycle has
ended. In addition, the corresponding A/D interrupt request flag will be set in the interrupt control
register, and if the interrupts are enabled, an appropriate internal interrupt signal will be generated.
This A/D internal interrupt signal will direct the program flow to the associated A/D internal interrupt
address for processing. If the A/D internal interrupt is disabled, the microcontroller can be used to poll
the EOCB bit in the ADCR register to check whether it has been cleared as an alternative method of
detecting the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates from the system clock fSYS, is first divided by
a division ratio, the value of which is determined by the ADCS2, ADCS1 and ADCS0 bits in the
ACSR register.
Rev. 1.10
64
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com