| Electronic Components Datasheet Search |
|
HT56RB688 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT56RB688 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc |
|
40 / 164 page ![]() Display Memory An area of Data Memory is especially reserved for use for the LCD/LED display data. This data area is known as the Display Memory. Any data written here will be automatically read by the internal display driver circuits, which will in turn automatically generate the necessary LCD or LED driving signals. Therefore any data written into this Memory will be immediately reflected into the actual display connected to the microcontroller. As the Display Memory addresses overlap those of the General Purpose Data Memory, it s stored in its own independent Bank 1 and Bank 2 area. The Data Memory Bank to be used is chosen by using the Bank Pointer, which is a special function register in the Data Memory named BP. To access the Display Memory therefore requires first that Bank 1 or Bank 2 is selected by writing a value of 01H or 02H to the BP register. After this, the memory can then be accessed by using indirect addressing through the use of Memory Pointer MP1. With Bank 1 or Bank 2 selected, then using MP1 to read or write to the memory area starting with address 80H will result in operations to the Display Memory. Directly addressing the Display Memory is not applicable and will result in a data access to the Bank 0 General Purpose Data Memory. The accompanying Display Memory Map diagrams shows how the internal Display Memory is mapped to the Segments and Commons of the display for the device. The accompanying waveform diagrams show the generated waveforms for a range of duty and bias types. The huge number of permutations of available for the LCD and LED waveform types does not permit all types to be depicted. Rev. 1.10 40 April 15, 2013 HT56RB688 TinyPowerTM A/D type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces R t y p e 1 / 3 B i a s R R V L C D V A V B L C D P o w e r S u p p l y V C R ( = V L C D ´ 2 / 3 ) ( = V L C D ´ 1 / 3 ) ( = V L C D ) L C D O n / O f f R t y p e 1 / 4 B i a s R t y p e 1 / 5 B i a s R R V L C D V A V B L C D P o w e r S u p p l y V C R ( = V L C D ´ 4 / 5 ) ( = V L C D ´ 3 / 5 ) ( = V L C D ) L C D O n / O f f R R V L C D V A V B L C D P o w e r S u p p l y V D ( = V L C D ´ 3 / 4 ) ( = V L C D ´ 1 / 4 ) ( = V L C D ) L C D O n / O f f R V C ( = V L C D ´ 2 / 4 ) R V D V E R ( = V L C D ´ 2 / 5 ) ( = V L C D ´ 1 / 5 ) R R Type Bias Voltage Levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |