Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 164 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
1.8V Regulator Output
V
IN
DC/DC Input Voltage
¾¾
2.50
¾
5.50
V
V
CRDVCC
Smart Card Power Supply Voltage
¾¾
1.656
1.800
1.944
V
I
SC
Smart Card Supply Current
¾¾
35
¾¾
mA
I
OVDET
Current Overload Detection
¾¾
70
95
120
mA
t
IDET
Detection Time on Current
Overload
¾¾
170
¾
1400
ms
t
OFF
V
CRDVCC Turn Off Time
4.6V~
5.4V
C
LOAD£4.7mF,
Card voltage=V
CRDVCC to
0.4V
¾¾
750
ms
t
ON
V
CRDVCC Turn On Time
4.6V~
5.4V
C
LOAD£4.7mF,
Card voltage=
0V to V
CRDVCC (min.)
¾¾
750
ms
V18
PWRGOOD
LDO 1.8V Power Good Voltage
¾¾
¾
1.73
¾
V
Rev. 1.10
20
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com