Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
Pin Description
The following table depicts the pins common to all devices.
Pin Name
I/O
Configuration
Option
Description
Input/Output
PA0/BZ/INT0/AN0
PA1/BZ/INT1/AN1
PA2/AUD/AN2
PA3/PFD/AN3
PA4/TMR2/AN4
PA5/TMR3/PWM3/AN5
PA6/TMR0/AN6
PA7/TMR1/AN7/VREF
I/O
BZ/BZ
PFD
Bidirectional 8-bit input/output port. Each individual bit on this port
can be configured as a wake-up input by the PAWU register control
bit. Software instructions determine if the pin is a CMOS output or
Schmitt Trigger input. A pull-high resistor can be connected to each
pin determined by the PAPU register.
Port A is pin-shared with the A/D input pins. The A/D inputs are
selected via software instructions. Once a Port A line is selected as
an A/D input, the I/O function and pull-high resistor are disabled
automatically.
The BZ/INT0, BZ/INT1, PFD, TMR2, TMR3/PWM3, TMR0 and
TMR1 are pin-shared with PA0, PA1, PA3 and PA4~PA7
respectively.
AUD is the audio output pin from the D/A Converter and pin-shared
with PA2. When the D/A-Converter is enabled, the PA2 I/O function
will be disabled automatically, including any pull-high resistors. If the
D/A Converter output, AUD, and the A/D Converter input, AN2, are
both enabled, then the D/A converter output will be connected to the
AN2 input channel allowing the D/A output to be measured by the
A/D Converter.
VREF is the ADC reference voltage input pin. The
²VREFS² bit in the
ACSR register is used to select either VREF or AVDD as the ADC
reference voltage.
PB0/SCK0/SCL0
PB1/SDI0/SDA0
PB2/SDO0
PB3/VDDIO *
PB4/SDO1
PB5/SDI1/SDA1
PB6/SCK1/SCL1
PB7/SCS1
I/O
VDDIO
SIM0
SIM1
Bidirectional 8-bit input/output port. Software instructions determine
if the pin is a CMOS output or Schmitt trigger input. A pull-high
resistor can be connected to each pin by the PBPU register.
SDO1, SDI1/SDA1, SCK1/SCL1 and SCS1 are the the SIM1
interface pins, pin-shared with PB4~PB7 respectively and enabled
by a configuration option, as well as the SIM0 interface pins. When
the configuration option enables the SIM function, the I/O function
will be disabled.
The VDDIO pin is an alternate power input pin for certain interface
functions, for example the 3.3V MXIC serial Flash Memory. It is
pin-shared with PB3. A Configuration option is used to determine if
PB3 is selected to be an I/O pin or the alternate power pin VDDIO.
When PB3 is selected as an alternate power pin, VDDIO, the power
supply of all the pins on this port, except PB3, together with PC4 can
be selected individually to come from the VDD pin or from VDDIO by
configuration options.
Rev. 1.10
10
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com