Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 164 page
background image
LCD/LED Registers
Control Registers in the Data Memory, are used to control the various setup features of the LCD/LED
Driver. There is one control register named LCDCTRL for the LCD function and one named
LEDCTRL for the LED function. Various bits in these registers control functions such as duty type,
bias type, bias resistor selection as well as overall LCD enable and disable. The LCDEN bit in the
LCDCTRL and LEDEN bit in the LEDCTRL register, which provide the overall LCD/LED
enable/disable function, will only be effective when the device is in the Normal, Slow or Idle Mode. If
the device is in the Sleep Mode, the display will always be disabled. Bits RSEL0 and RSEL1 in the
LCDCTRL register is used to select the internal bias resistors to supply the LCD panel with the correct
bias voltages. A choice to best match the LCD panel used in the application can be selected also to
minimise bias current. The TYPE bit in the same register is used to select whether Type A or Type B
LCD control signals are used.
The register named LCDIO is used to determine if the output function of display pins SEG0~ SEG23
are used as segment drivers or CMOS outputs. If these pins are used as general I/O pins, then the I/O
function including the input/output control, the related output data and pull-high functions is managed
by the original corresponding I/O Port control and data register together with the pull-high control
register.
LCD Output Control Register - LCDIO
Bit
76543210
Name
¾¾¾¾¾
LCDPF
LCDPE
LCDPD
R/W
¾¾¾¾¾
R/W
R/W
R/W
POR
¾¾¾¾¾
000
Bit 7~3
Unimplemented, read as
²0²
Bit 2
LCDPF: LCD SEG16~SEG23 or I/O Port F selection bit
0: SEG16~SEG23
1: I/O Port F
Bit 1
LCDPE: LCD SEG8~SEG15 or I/O Port E selection bit
0: SEG8~SEG15
1: I/O Port E
Bit 0
LCDPD: LCD SEG0~SEG7 or I/O Port D selection bit
0: SEG0~SEG7
1: I/O Port D
LCD Reset Function
The LCD has an internal reset function that is an OR function of the inverted LCDEN bit in the
LCDCTRL register and the Sleep function. The LCD reset signal is active high. The LCDEN signal is
the inverse of the LCDEN bit in the LCDCTRL register.
Reset LCD = Sleep Mode or LCDEN.
LEDEN = 0 and LCDEN = 1 must be enabled to activate the LCDCTRL register function.
LCDEN
Sleep Mode
Reset LCD
0
Off
Ö
0On
Ö
1
Off
x
1On
Ö
LCD Reset Function
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
41
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com