Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
General Description
The TinyPower
TM A/D Type 8-bit high performance RISC architecture microcontroller with
LCD/LED driver is specifically designed for applications that interface directly to analog signals and
which require an LCD or LED interface. The device includes analog features such as an integrated
multi-channel Analog to Digital Converter, 12-bit Digital to Analog Converter, LCD/LED driver,
DC/DC Converter and LDO.
With their fully integrated SPI and I
2C functions, designers are provided with a means of easy
communication with external peripheral hardware. The benefits of integrated analog features such as
A/D, LCD, etc., and PWM functions, in addition to low power consumption, high performance, I/O
flexibility and low-cost, provides the device with the versatility for a wide range of products in the
home appliance and industrial application areas. Some of these products could include electronic
metering, environmental monitoring, handheld instruments, electronically controlled tools, motor
driving in addition to many others.
The device contains a USB Full-speed interface to allow data communication with an external USB
host controller. It is particularly suitable for applications which require data communication between
PCs and peripheral USB hardware. This device also includes a Smartcard Interface, which is
compatible with and certified to ISO 7816 standards, to provide communication with various types of
Smart Card.
The unique Holtek TinyPower technology also offers the advantages of extremely low current
consumption characteristics, an extremely important consideration in the present trend for low power
battery powered applications. The usual Holtek MCU features such as power down and wake-up
functions, oscillator options, programmable frequency divider, etc., combine to ensure user
applications require a minimum of external components.
Block Diagram
Rev. 1.10
8
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
O T P
P r o g r a m m i n g
C i r c u i t r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E x t e r n a l
X T A L / R C
O s c i l l a t o r
A / D
C o n v e r t e r
S m a r t c a r d
I n t e r f a c e
E x t e r n a l
3 2 . 7 6 8 k H z
O s c i l l a t o r
I n t e r n a l R C
O s c i l l a t o r
I / O
P o r t s
D a t a
M e m o r y
O T P
P r o g r a m
M e m o r y
S t a c k
U S B
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
D / A
C o n v e r t e r
D C / D C
C o n v e r t e r
L D O
T i m e r s
S I M s
P F D
P W M
L E D / L E D
D R i v e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com