Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note
Features
· Operating voltage:
fSYS=32.768kHz: 2.2V~5.5V
fSYS=4MHz: 2.2V~5.5V
fSYS=12MHz: 3.0V~5.5V
fSYS=20MHz: 4.5V~5.5V
· Operating current: fSYS=1MHz at 3V, 170mA, typ.
· OTP Program Memory: 48K´16
· RAM Data Memory: 3840´8
· 12 levels subroutine nesting
· Up to 48 bidirectional I/O lines
· TinyPower technology for low power operation
· Three pin-shared external interrupts lines
· Three 8-bit programmable Timer/Event Counters with overflow interrupt and 7-stage prescaler
· One 16-bit programmable Timer/Event Counters with overflow interrupt
· External Crystal (HXT), RC (ERC) and 32.768kHz (LXT) crystal oscillators
· Internal high speed RC oscillator - HIRC
· Fully integrated RC 32kHz oscillator - LIRC
· Externally supplied system clock option - EC
· Watchdog Timer function
· PFD/Buzzer for audio frequency generation
· Dual Serial Interface Modules (SIM): SPI and I
2C
· LCD and LED driver function: 80´16 or 88´8
· 4 operating modes: Normal, Slow, Idle and Sleep
· 8-channel 12-bit resolution A/D converter
· 4-channel 12-bit PWM outputs
· 12-bit D/A converter with 8-level volume control
· USB interface
- Fully compliant with USB 1.1 full-speed specification
- Support 6 endpoints including endpoint 0
- Support Interrupt, Control and Bulk transfer
- 160 bytes total FIFO size - 8, 8, 8, 64, 8 and 64 bytes for endpoint0~endpoint 5 respectively
· Smartcard interface compatible with and certifiable to the ISO 7816-3 standards
· DC/DC converter and LDO function
· Low voltage reset function: 2.1V, 3.15V, 4.2V
· Low voltage detect function: 2.2V, 3.3V, 4.4V
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· Up to 0.2ms instruction cycle with 20MHz system clock at VDD=5V
· All instructions executed in one or two machine cycles
· Power down and wake-up functions to reduce power consumption
· Package type: 144-pin LQFP
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
7
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com