Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB688 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
location of these registers within the Data Memory begins at the address ²00H². Any unused Data
Memory locations between these special function registers and the point where the General Purpose
Memory begins is reserved for future expansion purposes, attempting to read data from these locations
will return a unknow value.
Indirect Addressing Registers - IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, although having their locations in normal RAM
register space, do not actually physically exist as normal registers. The method of indirect addressing
for RAM data manipulation uses these Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual memory address is specified. Actions on the
IAR0 and IAR1 registers will result in no actual read or write operation to these registers but rather to
the memory location specified by their corresponding Memory Pointers, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together access data from Bank 0 while the IAR1 and MP1 register pair can
access data from any bank. As the Indirect Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will return a result of ²00H² and writing to the
registers indirectly will result in no operation.
Memory Pointers - MP0, MP1
Two Memory Pointers, known as MP0 and MP1 are provided. These Memory Pointers are physically
implemented in the Data Memory and can be manipulated in the same way as normal registers
providing a convenient way with which to address and track data. When any operation to the relevant
Indirect Addressing Registers is carried out, the actual address that the microcontroller is directed to, is
the address specified by the related Memory Pointer. MP0, together with Indirect Addressing Register,
IAR0, are used to access data from Bank 0, while MP1 and IAR1 are used to access data from all
banks.
The following example shows how to clear a section of four RAM locations already defined as
locations adres1 to adres4.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1
; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific RAM addresses.
Bank Pointer - BP
The Data Memory is divided into a total of 32 banks. Selecting the required Data Memory area is
achieved using the Bank Pointer. If data in Bank 0 is to be accessed, then the BP register must be
loaded with the value 00H, while if data in Bank 1 is to be accessed, then the BP register must be
Rev. 1.10
30
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com