Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 45Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
44
PACKAGE DIMENSIONS
D
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION.
DM031.B
DT: 24 PIN TSSOP (6.5 x 6.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.03
0.18
A2
1.00
b
0.17
0.22
0.32
c
0.10
0.15
0.25
D
6.4
6.50
6.95
e
0.50 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.30
0.50
0.70
θθθθ
0
o
-----
θθθθ
c
L
GAUGE
PLANE
13
24
e
b
12
1
E1
E
A A2
A1
SEATING PLANE
-C-
0.1 C
0.08
6.15
6.65
10
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com