Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
19
OUTPUT DATA FORMATS: SPECIAL MODE (SDATO)
The output format of the audio data is set up after recovery In Special Mode the SDATO audio data
range does not necessarily have to match the input data format.
The output format is set with the OFSEL[2:0] bit. The BCLK, LRCLK, and SDATO synchronize to the
rising edge of CLKOUT. SDATO is synchronizes to the falling edge of BCLK and is clocked on the
rising edge.
After an error is detected and ERROR goes output low, the output data is synchronized with the
LRCLK edge immediately following the error signal.
Bi-phase data output synchronizes to LRCLK and the fs clock of the 128fs clock. However, when the
PLL is unlocked the BCLK changes to the 64fs clock, Figure 8.
The NRZ 28bits data output contains 4 bits validity (V), user data (U), channel status (C), preamble
B (indicated by Z) and 24bit LSB left justified base audio data. When preamble B is confirmed Z-bit
outputs high in that frame, Figures 9 and 10.
A ERROR low signal is output for a signal outside the effective bit length of the NRZ data output.
SDATAO
LRCLK
BCLK
L-ch
R-ch
C
P
LSB
LSB
MSB
U
VP
C
MSB
U
VP
C
Figure 11 Data Output Timing – Biphase Data Output
SDATAO
LRCLK
BCLK
LSB
-24 bit-
LSB
-24 bit-
28 bits
28 bits
Notice: ‘Z’ means Preamble ‘B’
L-ch
R-ch
MSB
U
VZ
C
MSB
U
VZ
C
Figure 12 Data Output Timing – NRZ Data I
2S Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com