Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
40
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
0
0
0
0
0
0
0
CRC
CRC
8
Address
Address
Address
Address
Control
Control
Control
Control
16
Track
Track
Track
Track
Track
Track
Track
Track
24
Index
Index
Index
Index
Index
Index
Index
Index
32
Minute
Minute
Minute
Minute
Minute
Minute
Minute
Minute
40
Second
Second
Second
Second
Second
Second
Second
Second
48
Frame
Frame
Frame
Frame
Frame
Frame
Frame
Frame
56
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
64
abs minute
abs minute
abs minute
abs minute
abs minute
abs minute
abs minute
abs minute
72
abs second
abs second
abs second
abs second
abs second
abs second
abs second
abs second
80
abs frame
abs frame
abs frame
abs frame
abs frame
abs frame
abs frame
abs frame
Table 24 Output Register: Sub-code Q Data with CRC Flags Output (0xED)
The cyclic redundancy code (CRC) is a set of flags that indicates the correctness of the 80bits of
sub-code Q data. Note that the same data is output for both the DO0 and DO1 CRC flags.
When sub-code Q data is included in the input data, the result of the CRC calculation can be read
out along with the data.
To read out the sub-code Q data, the data must be read out with INTQSY set as the E/INT interrupt
output function, and the IC must be set up to output the load signal.
When sub-code Q data is detected, the E/INT signal will output a high level or a high-level pulse. The
sub-code Q data is updated on each rising edge on the E/INT signal. Applications must complete
readout of this data within 13.3ms (standard speed) or 6.6ms (2 × speed) of the rising edge of the
E/INT signal.
CRC
OUTPUT CONDITIONS
L
Errors were found in the sub-code Q data.
H
The sub-code Q data is correct.
Table 25 CRC Flag Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com