Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
29
CCB ADDRESSES
The address locations in Table 15 are those used to set the parameters, write data values and to
read data values from the WM8803 over the micro-controller interface.
The micro-controller interface data format conforms to that of the Sanyo-developed CCB serial bus
format. However, a three state circuit is adopted for the data output instead of the open drain circuit
used in CCB.
Data is input or output after input of the CCB address. See the I/O timing chart for details on the data
input and output timing.
REGISTER CONTENT
R/W
CCB
ADDRESS
B0
B1
B2
B3
A0
A1
A2
A3
Function settings data 1
Write
0xE8
0
0
0
1
0
1
1
1
Function settings data 2
Write
0xE9
1
0
0
1
0
1
1
1
Function settings data 3
Write
0xEA
0
1
0
1
0
1
1
1
Interrupt data output
Read
0xEB
1
1
0
1
0
1
1
1
Fs value, CS data output
Read
0xEC
0
0
1
1
0
1
1
1
Sub-code Q data output
Read
0xED
1
0
1
1
0
1
1
1
Table 15 Register I/O Content and CCB Addresses
DATA WRITE PROCEDURE
The data input bit length is 16 bits.
After inputting data to one of the CCB addresses 0xE8 to 0xEA, set CE to the high level.
Input data is acquired on the rising edge of CL.
The bits marked “0” in the table are reserved bits. A value of 0 must be written to these bits.
DATA READ PROCEDURE
Read data is output from DO and goes to the high-impedance state when CE is low. Output starts on
the CE rising edge following the establishment of the output address by the CCB command on the DI
pin. After operation the DO pin is returned to the high-impedance state by setting CE low.
The number of data bits read out differs with the type of data read. Interrupt data has 8bits, the
channel status related data (0xEC) has 56bits, and the sub-code Q data (0xED) has 88bits. However,
it is not necessary to read out all the data. During readout it is possible to read data up to the point
when the CL clock is stopped and the CE pin is set low. For example, when reading the sub-code Q
data, if the CRC flags are read and the data is seen to be corrupted, there is no need to read the
data following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com