Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
17
DATA INPUT AND OUTPUT
BI-PHASE MARK MODULATED DIGITAL DATA INPUT (RXIN)
The bi-phase mark modulated digital data is input through the RXIN pin.
The RXIN pin supports TTL levels. This allows a 5V optical reception module to be connected
directly.
BI-PHASE MARK MODULATED INPUT DATA RECEPTION RANGE SETTING
The WM8803 can restrict the upper limit of the input data sampling frequency received and only
receive input data at selected sampling frequencies.
The input frequency is set by selecting FLIMIT = 1 and selecting the required sampling rate with
FSSEL[3:0], Table 9.
FSSEL3
FSSEL2
FSSEL1
FSSEL0
INPUT DATA RECEPTION RANGE
0
0
0
0
32kHz to 96kHz
0
0
0
1
32kHz only
0
0
1
0
44.1kHz only
0
0
1
1
48kHz only
0
1
0
0
88.2kHz only
0
1
0
1
96kHz only
0
1
1
0
44.1kHz or 88.2kHz only
0
1
1
1
48kHz or 96kHz only
1
0
0
0
32kHz or 44.1kHz or 48kHz
1
….
1
0
…..
1
0
…..
1
1
…..
1
Reserved
Table 9 Input Data Reception Range (FS4XIN = 0)
Note:
The notation 32kHz to 96kHz means 32k, 44.1k, 48k, 64k, 88.2k, or 96kHz.
The table above only applies when the input fs calculation mode FS4XIN = 0. When FS4XIN = 1, fs
data at twice the shown values is supported.
Input data that exceeds the set range is handled as an error, and the XIN source clock is output. At
this time, the SDATO output data is determined by the RDTSEL setting.
When the PLL is following a source with a changing fs, such as a CD player with a variable pitch
control, if the oscillator amplifier is stopped with the PLL in the locked state the fs calculation is not
performed. As a result, an input frequency outside the set range will not result in an error. The
oscillator amplifier must be set to continuous operation mode to handle sources such as this.
In systems that connect CLKOUT to XIN and thus do not require an oscillator element, it is not
possible to perform the fs calculation. In this mode the reception range cannot be limited.
OUTPUT DATA FORMATS: NORMAL MODE (SDATO)
The output format of audio data is set up after recovery. In Normal Mode the SDATO audio data
range can be of the input data format only.
The output format is set with the OFSEL[2:0]. The BCLK, LRCLK, and SDATO synchronize to the
rising edge of CLKOUT. SDATO is synchronized to the falling edge of BCLK and is clocked on the
rising edge.
After an error is detected and ERROR goes output low, the output data is synchronized with the
LRCLK edge immediately following the Error signal.
The ERROR low signal is output for the signal outside the effective bit length of the output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com