Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
24
ERROR RECOVERY PROCESSING
When the preamble B, M, and W are detected, the PLL circuit goes to the locked state and data
demodulation starts. The SDATO output data starts on the first LRCLK edge after ERROR goes low.
SDATAO
Output starts from the LRCK edge immediately following the fall of the ERROR flag
ERROR
Internal clock signal
LRCLK
Data
15 ms to 50 ms
OK
Figure 19 Data Processing at the Start of Data Demodulation
CHANNEL STATUS DATA
DATA DELIMITER BIT 1 OUTPUT ( AUDIO )
AUDIO
outputs the channel status bit 1, which indicates whether or not the input bi-phase data is
PCM audio data.
AUDIO
OUTPUT CONDITIONS
L
PCM audio data (CS bit 1 = low)
R
Non-PCM data (CS bit 1 = high)
Table 11 AUDIO Output
EMPHASIS INFORMATION OUTPUT (E/INT)
E/INT has a shared function as a micro-controller interface interrupt output or, in the initial settings
state, it outputs the presence or absence of emphasis of the input signal. This emphasis has a time
constant of 50/15µs for use in consumer products or broadcast studios.
E/INT
OUTPUT CONDITIONS
L
No pre-emphasis
R
50/15µs pre-emphasis
Table 12 E/INT Output
USER GENERAL PURPOSE INTERFACE OUTPUT PORT (
__________
UGPI
)
UGPI is a user-settable output port that supports the following functions.
—
Micro-controller interface register output
—
Clock switching transition period signal output
GPISEL selects between these functions. In the initial settings, the micro-controller interface register
GPIDAT is allocated to this pin. The initial setting of the GPIDAT register is 1, so a high level will be
output from UGPI .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com