Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Product Preview
WM8803
w
PP Rev 1.1 September 2003
27
ERROR
CLKOUT
VCO Clock
XTAL Clock
PLL Lock State
RXIN
(a) During the lock pull-in process
15 ms to 50 ms With the same timing
as ERROR
After PLL lock
Digital Data
Locked
Unlocked
UGPI
ERROR
CLKOUT
VCO Clock
XTAL Clock
PLL Lock State
RXIN
(b) During the loss of PLL lock
With the same timing as ERROR
Digital Data
Unlocked
Locked
UGPI
64/fs (sec)
Figure 22 Clock Switching Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com