Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
34
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
FSSEL3
FSSEL2
FSSEL1
FSSEL0
FS4XIN
FLIMIT
GPIDAT
GPISEL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
0
RDTMUT
RDTSTA
RDTSEL
0
OFSEL2
OFSEL1
OFSEL1
Table 18 Input Register Function Settings 1: I/O Data Settings (0xE9)
GPISEL:
UGPI pin setting
0: Outputs the micro-controller interface register state. (initial value)
1: Outputs the clock switching transition period signal.
GPIDAT:
UGPI
pin setting
(Only valid when register output mode is set up)
0: Outputs the low level.
1: Outputs the high level. (initial value)
FLIMIT:
Input data reception limitation setting
0: No reception limitation. All data within the PLL locking range can be
received. (initial value)
1: Reception is limited. The input fs calculation result is reflected in the error
flag according to the FSSEL[3:0] setting.
FS4XIN:
Input fs calculation range setting
0: Perform fs calculation for input data in the range 32k to 96 kHz. (initial value)
1: Perform fs calculation for input data in the range 64k to 192 kHz.
FSSEL[3:0]:
Input data reception range setting
(When FLIMIT = “1” and FS4XIN = “0”)
0000: 32k, 44.1k, 48k, 64k, 88.2k, or 96kHz (initial value)
0001: 32kHz only
0010: 44.1kHz only
0011: 48kHz
0100: 88.2kHz only
0101: 96kHz only
0110: 44.1k or 88.2kHz only
0111: 48k or 96kHz only
1000: 32k or 44.1k or 48kHz
1001-1111:Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com