Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
28
MICRO-CONTROLLER INTERFACE (E/INT, CE, CL, DI, DO)
INTERRUPT OUTPUT (E/INT)
The E/INT pin can be set to function as the micro-controller interface interrupt output using INTSEL.
An interrupt is issued when a change occurs in the PLL lock state, the output data information or
other aspects of WM8803 operation.
The interrupt output function consists of registers for selecting interrupts, the E/INT pin to output
those state transitions, and the registers that store interrupt related data.
The E/INT pin normally outputs a low level, but outputs a high level when an interrupt occurs. After
outputting a high level, it returns to the low level according to the INTOPF setting.
INTOPF selects whether the E/INT pin holds the high level for a fixed period and then is cleared
(returning to the low level), or is cleared at the same time as the output register is read.
The interrupts can be selected from the items listed in Table 13. More than one of these items can be
set to be interrupts at the same by setting the contents of CCB address 0xEA. The interrupt signal is
issued whenever any one of the interrupt events occurs.
E/INT output = (selected interrupt 1) + (selected interrupt 2) + ... + (selected interrupt n)
NO.
COMMAND
DESCRIPTION
1
INTERR
Output when the state of the ERROR pin changes.
2
INTPCM
Output when the state of the AUDIO pin changes.
3
INTEMP
Output when the state of the pre-emphasis information changes.
4
INTVFL
Output when the state of the validity flag changes.
5
INTFSC
Output when the input fs calculation result changes.
6
INTCSF
Output when the first 48 bits of the channel status data is updated.
7
INTSQY
Output when the sub-code Q data can be read out.
Table 13 Interrupt Event Settings
When an interrupt event occurs the content of the selected interrupt events is stored in the CCB
address 0xEB output registers DO1 to DO7. The read registers for event items 1 through 4 read out
the current state of those events regardless of the E/INT output. For event items 5 through 7, the
state is stored when the event occurs.
To monitor interrupt event item 5 in the PLL locked state, the oscillator amplifier must be set to
continuous operation mode, since the oscillator amplifier clock is used.
When E/INT is set to output a high-level pulse when interrupt event occurs, the pulse width for each
interrupt event will be between 1/2 fs and 3/2 fs.
When the WM8803 is set so that E/INT is cleared after the output register is read, the clear operation
is performed immediately after output register 0xEB is reset. The data for interrupt events 6 and 7 is
updated within the periods shown in Table 14, the corresponding read registers should be read as
soon as possible after the event is detected.
DATA
UPDATE INTERVAL
Channel status and preamble B
2ms to 6ms
Sub-code Q data
13.3ms (fs = 44.1kHz), 6.65ms (2x speed)
Table 14 Data Update Intervals (Input fs = 32k to 96kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com