Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8803 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8803
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8803 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8803 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8803 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
WM8803
Product Preview
w
PP Rev 1.1 September 2003
26
WM8803
RXIN
UGPI
SW
Figure 21 UGPI Output Usage Example (Data Input Switching Example)
CLOCK SWITCHING TRANSITION PERIOD SIGNAL OUTPUT
This section describes operation when UGPI is selected as the clock switching transition period
signal.
When there are changes to the PLL circuit locked/unlocked state, the clock switching transition
period signal reports to external circuits the output clock state switching transitions. This signal allows
the application to grasp the PLL lock state transitions and the timing of changes in the clock signals.
GPISEL is used to select this function.
After setting GPISEL, UGPI will initially output a high level. This is followed by output low level
pulses when the output clock changes due to changes in the PLL circuit locked/unlocked state.
In the lock pull-in process, the UGPI falling edge is triggered by the word clock generated by the XIN
clock after input data is detected and the PLL circuit locks, and by UGPI rising with the same timing
as ERROR after a fixed period has elapsed.
In the process where the PLL lock state is lost, the UGPI low level pulse is formed by UGPI falling
with the same timing as the PLL lock detection signal ERROR and by UGPI rising after a fixed
number of counts of the word clock generated from XIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com