Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 16 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation LAN91C100FD Datasheet HTML 15Page - SMSC Corporation LAN91C100FD Datasheet HTML 16Page - SMSC Corporation LAN91C100FD Datasheet HTML 17Page - SMSC Corporation LAN91C100FD Datasheet HTML 18Page - SMSC Corporation LAN91C100FD Datasheet HTML 19Page - SMSC Corporation LAN91C100FD Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 16
Rev. 05/31/2000
DATA STRUCTURES AND REGISTERS
PACKET FORMAT IN BUFFER MEMORY
The packet format in memory is similar for the Transmit and Receive areas. The first word is reserved for the status word.
The next word is used to specify the total number of bytes, and it is followed by the data area. The data area holds the
packet itself.
FIGURE 4 - DATA PACKET FORMAT
TRANSMIT PACKET
RECEIVE PACKET
STATUS WORD
Written by CSMA upon transmit
completion (see Status Register)
Written by CSMA upon receive
completion (see RX Frame
Status Word)
BYTE COUNT
Written by CPU
Written by CSMA
DATA AREA
Written/modified by CPU
Written by CSMA
CONTROL BYTE
Written by CPU to control
odd/even data bytes
Written by CSMA; also has
odd/even bit
BYTE COUNT - Divided by two, it defines the total number of words including the STATUS WORD, the BYTE
COUNT WORD, the DATA AREA and the CONTROL BYTE.
The receive byte count always appears as even; the ODDFRM bit of the receive status word indicates if the low byte of the
last word is relevant.
The transmit byte count least significant bit will be assumed 0 by the controller regardless of the value written in memory.
DATA AREA - The data area starts at offset 4 of the packet structure and can extend up to 2043 bytes.
The data area contains six bytes of DESTINATION ADDRESS followed by six bytes of SOURCE ADDRESS, followed by a
variable-length number of bytes. On transmit, all bytes are provided by the CPU, including the source address. The
LAN91C100FD does not insert its own source address. On receive, all bytes are provided by the CSMA side.
bit15
bit0
RAM OFFSET
(decimal)
0
2
4
2046 max
STATUS
WORD
reserved
BYTE
COUNT
DATA AREA
CONTROL BYTE
LAST DATA BYTE if odd
~~
~~
~~
~~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com