Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 67 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 67 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 67
Rev. 05/31/2000
FIGURE 28 - 208 PIN TQFP PACKAGE OUTLINES
1
2
3
4
5
NOM
30.00
15.00
28.00
30.00
15.00
28.00
0.60
1.00
0.50 BSC
DIM
A
A1
A2
D
D/2
D1
E
E/2
E1
H
L
L1
e
0
W
R1
R2
ccc
ccc
REMARK
Overall Package Height
Standoff
Body Thickness
X Span
1/2 X Span Measure From Centerline
X Body Size
Y Span
1/2 Y Span Measure From Centerline
Y Body Size
Lead Frame Thickness
Lead Foot Length From Centerline
Lead Length
Lead Pitch
Lead Foot Angle
Lead Width
Lead Shoulder Radius
Lead Foot Radius
Coplanarity (Assemblers)
Coplanarity (Test House)
MIN
0.05
1.35
29.80
14.90
27.90
29.80
14.90
27.90
0.09
0.45
0
0.17
0.08
0.08
MAX
1.60
0.15
1.45
30.20
15.10
28.10
30.20
15.10
28.10
0.23
0.75
7
0.27
0.20
0.0762
0.08
Notes:
Controlling Unit: Millimeter.
Tolerance on the position of the leads is 0.04mm maximum.
Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25mm.
Dimension for foot length L measured at the gauge plane 0.25mm above the seating plane, is 0.78-1.08mm.
Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com