Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 24Page - SMSC Corporation LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 28
Rev. 05/31/2000
BANK2
OFFSET
NAME
TYPE
SYMBOL
0
MMU COMMAND REGISTER
WRITE ONLY
BUSY Bit Readable
MMUCR
This register is used by the CPU to control the memory allocation, de-allocation, TX FIFO and RX FIFO control.
The three command bits determine the command issued as described below:
HIGH
BYTE
LOW
BYTE
COMMAND
0
0
N2
N1
N0/BUSY
x
y
z
0
COMMAND SET:
xyz
000
0)
NOOP - NO OPERATION
001
1)
ALLOCATE MEMORY FOR TX - N2,N1,N0 defines the amount of memory requested as (value + 1) * 256
bytes. Namely N2,N1,N0 = 1 will request 2 * 256 = 512 bytes. A shift-based divide by 256 of the packet
length yields the appropriate value to be used as N2,N1,N0. Immediately generates a completion code at the
ALLOCATION RESULT REGISTER. Can optionally generate an interrupt on successful completion.
N2,N1,N0 are ignored by the LAN91C100FD but should be implemented in LAN91C100FD software drivers
for LAN9000 compatibility.
010
2)
RESET MMU TO INITIAL STATE - Frees all memory allocations, clears relevant interrupts, resets packet
FIFO pointers.
011
3)
REMOVE FRAME FROM TOP OF RX FIFO - To be issued after CPU has completed processing of present
receive frame. This command removes the receive packet number from the RX FIFO and brings the next
receive frame (if any) to the RX area (output of RX FIFO).
100
4)
REMOVE AND RELEASE TOP OF RX FIFO - Like 3) but also releases all memory used by the packet
presently at the RX FIFO output. The MMU busy time after issuing REMOVE and RELEASE command
depends on the time when the busy bit is cleared. The time from issuing REMOVE and RELEASE
command on the last receive packet to the time when receive FIFO is empty depends on RX INT bit turning
low. An alternate approach can be checking the read RX FIFO register.
101
5)
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified in the PACKET NUMBER
REGISTER. Should not be used for frames pending transmission. Typically used to remove transmitted
frames, after reading their completion status. Can be used following 3) to release receive packet memory in
a more flexible way than 4).
110
6)
ENQUEUE PACKET NUMBER INTO TX FIFO - This is the normal method of transmitting a packet just
loaded into RAM. The packet number to be enqueued is taken from the PACKET NUMBER REGISTER.
111
7)
RESET TX FIFOs - This command will reset both TX FIFOs: The TX FIFO holding the packet numbers
awaiting transmission and the TX Completion FIFO.
This command provides a mechanism for
canceling packet transmissions, and reordering or bypassing the transmit queue. The RESET TX FIFOs
command should only be used when the transmitter is disabled. Unlike the RESET MMU command, the
RESET TX FIFOs does not release any memory.
Note 1: Bits N2,N1,N0 bits are ignored by the LAN91C100FD but should be used for command 0 to preserve software
compatibility with the LAN91C92 and future devices. They should be zero for all other commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com