Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 45 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 41Page - SMSC Corporation LAN91C100FD Datasheet HTML 42Page - SMSC Corporation LAN91C100FD Datasheet HTML 43Page - SMSC Corporation LAN91C100FD Datasheet HTML 44Page - SMSC Corporation LAN91C100FD Datasheet HTML 45Page - SMSC Corporation LAN91C100FD Datasheet HTML 46Page - SMSC Corporation LAN91C100FD Datasheet HTML 47Page - SMSC Corporation LAN91C100FD Datasheet HTML 48Page - SMSC Corporation LAN91C100FD Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 45
Rev. 05/31/2000
2) One interrupt per sequence of packets: Enable TX EMPTY INT and TX INT, set AUTO RELEASE=1. TX EMPTY
INT is generated only after transmitting the last packet in the FIFO.
TX INT will be set on a fatal transmit error allowing the CPU to know that the transmit process has stopped and
therefore the FIFO will not be emptied.
This mode has the advantage of a smaller CPU overhead, and faster memory de-allocation. Note that when
AUTO RELEASE=1 the CPU is not provided with the packet numbers that completed successfully.
Note: The pointer register is shared by any process accessing the LAN91C100FD memory. In order to allow
processes to be interruptable, the interrupting process is responsible for reading the pointer value before modifying it,
saving it, and restoring it before returning from the interrupt.
Typically there would be three processes using the pointer:
1) Transmit loading (sometimes interrupt driven)
2) Receive unloading (interrupt driven)
3) Transmit Status reading (interrupt driven).
1) and 3) also share the usage of the Packet Number Register. Therefore saving and restoring the PNR is also
required from interrupt service routines.
FIGURE 11 - INTERRUPT GENERATION FOR TRANSMIT, RECEIVE, MMU
TX
FIFO
TX COMPLETION
FIFO
RX
FIFO
CSMA/CD
LOGICAL
ADDRESS
PACKET #
MMU
PHYSICAL ADDRESS
RAM
CPU ADDRESS
CSMA ADDRESS
RX PACKET
NUMBER
RX FIFO
PACKET NUMBER
PACKET NUMBER
REGISTER
PACK # OUT
M.S. BIT ONLY
'EMPTY'
'NOT EMPTY'
TX DONE
PACKET NUMBER
'NOT EMPTY'
INTERRUPT
STATUS REGISTER
RCV
INT
TX EMPTY
INT
TX
INT
ALLOC
INT
TWO
OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com