Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 47 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 47 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 43Page - SMSC Corporation LAN91C100FD Datasheet HTML 44Page - SMSC Corporation LAN91C100FD Datasheet HTML 45Page - SMSC Corporation LAN91C100FD Datasheet HTML 46Page - SMSC Corporation LAN91C100FD Datasheet HTML 47Page - SMSC Corporation LAN91C100FD Datasheet HTML 48Page - SMSC Corporation LAN91C100FD Datasheet HTML 49Page - SMSC Corporation LAN91C100FD Datasheet HTML 50Page - SMSC Corporation LAN91C100FD Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 47
Rev. 05/31/2000
readback as both bits high. No other bits of the LAN91C100FD can be read or written until the EEPROM operation
completes and both bits are clear. This mechanism is also valid for reset initiated reloads.
Note: If no EEPROM is connected to the LAN91C100FD, for example for some embedded applications, the ENEEP pin
should be grounded and no accesses to the EEPROM will be attempted. Configuration, Base, and Individual Address
assume their default values upon hardware reset and the CPU is responsible for programming them for their final value.
FIGURE 12 - 64 X 16 SERIAL EEPROM MAP
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
CONFIGURATION REG.
BASE REG.
IA0-1
IA2-3
IA4-5
IOS2-0
WORD ADDRESS
000
0h
1h
4h
5h
8h
9h
Ch
Dh
10h
11h
14h
15h
18h
19h
20h
21h
22h
001
010
011
100
101
110
XXX
16 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com