Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 66 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 66 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 66
Rev. 05/31/2000
FIGURE 27 - 208 PIN PQFP PACKAGE OUTLINES
See Detail 'A'
52
D
D1
3
156
105
104
3 157
DETAIL 'A'
R1
R2
4
L
L1
5
EE1
208
1
1
0.10
C
H
A1
A
A2
53
e
2
W
D1/4
E1/4
0
Notes:
Coplanarity is 0.100mm maximum.
Tolerance on the position of the leads is 0.08mm maximum.
Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25mm.
Dimensions for foot length L when measured at the centerline of the leads are given in the table. Dimension for foot
length L when measured at the gauge plane 0.25mm above the seating plane, is 0.6mm.
Details of pin 1 identifier are optional but must be located within the zone indicated.
6. Controlling dimension: millimeter
1
2
3
4
5
DIM
A
A1
A2
D
D1
E
E1
H
L
L1
e
0
W
R1
R2
MIN
0.05
3.17
30.35
27.90
30.35
27.90
0.09
0.35
NOM
30.60
28.00
30.60
28.00
0.5
1.30
MAX
4.07
0.5
3.67
30.85
28.10
30.85
28.10
0.23
0.65
0°
0.10
0.20
0.30
0.50 BSC
7°
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com