Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 59 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 55Page - SMSC Corporation LAN91C100FD Datasheet HTML 56Page - SMSC Corporation LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 59
Rev. 05/31/2000
TIMING DIAGRAMS
FIGURE 16 - ASYNCHRONOUS CYCLE - nADS=0
PARAMETER
MIN
TYP
MAX
UNITS
t1
A1-A15, AEN, nBE0-nBE3 Valid and nADS Low Setup to
nRD, nWR Active
25
ns
t2
A1-A15, AEN, nBE0-nBE3 Hold After nRD, nWR Inactive
(Assuming nADS Tied Low)
20
ns
t3
nRD Low to Valid Data
40
ns
t4
nRD High to Data Floating
30
ns
t5
Data Setup to nWR Inactive
30
ns
t5A
Data Hold After nWR Inactive
5
ns
FIGURE 17 - ASYNCHRONOUS CYCLE - USING nADS
PARAMETER
MIN
TYP
MAX
UNITS
t1
A1-A15, AEN, nBE0-nBE3 Valid and nADS Low Setup to nRD,
nWR Active
25
ns
t3
nRD Low to Valid Data
40
ns
t4
nRD High to Data Floating
30
ns
t5
Data Setup to nWR Inactive
30
ns
t5A
Data Hold After nWR Inactive
5
ns
t8
A1-A15, AEN, nBE0-nBE3 Setup to nADS Rising
10
ns
t9
A1-A15, AEN, nBE0-nBE3 Hold after nADS Rising
15
ns
t5
t2
t3
t4
t1
t5A
A1-15, AEN, nBE0-nBE3 valid
D0-D31 valid
ADDRESS
nADS
READ DATA
nRD,nWR
WRITE DATA
t8
t9
t5
t3
t4
t1
t5A
A1-A15, AEN, nBE0-nBE3
valid
D0-D31 valid
ADDRESS
nADS
READ DATA
nRD, nWR
WRITE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com