Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 31
Rev. 05/31/2000
Readback of the pointer will indicate the value of the address last accessed by the CPU (rather than the last pre-fetched).
This allows any interrupt routine that uses the pointer, to save it and restore it without affecting the process being
interrupted. The Pointer Register should not be loaded until the Data Register FIFO is empty. The NOT EMPTY bit of this register
can be read to determine if the FIFO is empty. On reads, if IOCHRDY is not connected to the host, the Data Register should not
be read before 370ns after the pointer was loaded to allow the Data Register FIFO to fill.
If the pointer is loaded using 8 bit writes, the low byte should be loaded first and the high byte last.
ETEN - When set enables EARLY Transmit underrun detection. Normal operation when clear.
NOT EMPTY - When set indicates that the Write Data FIFO is not empty yet. The CPU can verify that the FIFO is empty
before loading a new pointer value. This is a read only bit.
Note: If AUTO INCR. is not set, the pointer must be loaded with a dword aligned value.
BANK 2
OFFSET
NAME
TYPE
SYMBOL
8 THROUGH Bh
DATA REGISTER
READ/WRITE
DATA
DATA HIGH
X
X
X
X
X
X
X
X
DATA LOW
X
X
X
X
X
X
X
X
DATA REGISTER - Used to read or write the data buffer byte/word presently addressed by the pointer register.
This register is mapped into two uni-directional FIFOs that allow moving words to and from the LAN91C100FD regardless
of whether the pointer address is even, odd or dword aligned. Data goes through the write FIFO into memory, and is pre-
fetched from memory into the read FIFO. If byte accesses are used, the appropriate (next) byte can be accessed through
the Data Low or Data High registers. The order to and from the FIFO is preserved. Byte, word and dword accesses can be
mixed on the fly in any order.
This register is mapped into two consecutive word locations to facilitate double word move operations regardless of the
actual bus width (16 or 32 bits). The DATA register is accessible at any address in the 8 through Ah range, while the
number of bytes being transferred is determined by A1 and nBE0-nBE3. The FIFOs are 12 bytes each.
BANK 2
OFFSET
NAME
TYPE
SYMBOL
C
INTERRUPT STATUS REGISTER
READ ONLY
IST
RX_DISC
INT
ERCV INT
EPH INT
RX_OVRN
INT
ALLOC INT
TX EMPTY
INT
TX INT
RCV INT
0
0
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com