Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 5Page - SMSC Corporation LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 9
Rev. 05/31/2000
DESCRIPTION OF PIN FUNCTIONS
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
7
nChip
Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping of PHY
functions into LAN91C100FD decoded space.
Active on accesses to LAN91C100FD’s eight lower
addresses when the BANK SELECTED is 7.
8
nReceive
Packet
Discard
nRXDISC
I with
pullup
Input. Used to discard the receive packet being
stored in memory. Assertion of the pin during a
packet reception results in the interruption of
packet reception into memory.
The memory
allocated to the packet and the packet number in
use are freed. The input is driven asynchronously
and
is
synchronized
internally
by
the
LAN91C100FD. Pin assertion may take place at
any time during the receive DMA packet. The
assertion has no effect if there is no packet being
DMAed to memory or if asserted during the last
DMA write to memory. Works for both MII and
ENDEC. The typical use of nRXDISC is with the
LAN91C100FD in PRMS mode with an external
associative memory use for address filtering.
*Note: The pin must be asserted for a minimum
of 80ns.
37
RDMAH
O4
Output. Active when the first dword of the address
is written (RCVDMA=1, RA10-RA4=0, RA3-
RA2=X).
Buffer Types
O4
Output buffer with 2mA source and 4mA sink
O12
Output buffer with 6mA source and 12mA sink
O16
Output buffer with 8mA source and 16mA sink
O24
Output buffer with 12mA source and 24mA sink
OD16
Open drain buffer with 16mA sink
I/O4
Bidirectional buffer with 2mA source and 4mA sink
I/O24
Bidirectional buffer with 12mA source and 24mA sink
I
Input buffer with TTL levels
IS
Input buffer with Schmitt Trigger Hysteresis
Iclk
Clock input buffer
DC levels and conditions defined in the DC Electrical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com