Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 15Page - Advanced Micro Devices ELANSC520 Datasheet HTML 16Page - Advanced Micro Devices ELANSC520 Datasheet HTML 17Page - Advanced Micro Devices ELANSC520 Datasheet HTML 18Page - Advanced Micro Devices ELANSC520 Datasheet HTML 19Page - Advanced Micro Devices ELANSC520 Datasheet HTML 20Page - Advanced Micro Devices ELANSC520 Datasheet HTML 21Page - Advanced Micro Devices ELANSC520 Datasheet HTML 22Page - Advanced Micro Devices ELANSC520 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 440 page
background image
Introduction
Élan™SC520 Microcontroller Register Set Manual
xix
Pin Naming
{ }
Pin function during hardware reset
[ ]
Alternative pin function selected by software configuration
ROMCS1
An overbar indicates that the signal assumes the logic Low state
when asserted.
GPRESET
The absence of an overbar indicates that the signal assumes
the logic High state when asserted.
ads, hold
A signal name in all lowercase indicates an internal signal.
ROMCS2–ROMCS1
Two ROM chip select signals
ROMCSx
Any of the two ROM chip select signals
Numbers
b
Binary number
d
Decimal number
Decimal is the default radix
h
Hexadecimal number
x in register address
Any of several legal values; e.g., using 0xF8h for the UART
Transmit Holding register is either 02F8h or 03F8h, depending
on the UART
[X–Y]
The bit field that consists of bits X through Y.
Example: The SB_ADDR[23–16] bit field.
33 MHz
Refers to the system clock frequency being used. This can be
either 33.000 MHz or 33.333 MHz. See the
Élan™SC520
Microcontroller User’s Manual, order #22004, for more
information about clock generation.
General
field
Bit field in a register (one or more consecutive and related bits)
can
It is possible to perform an action if properly configured
will
A certain action is going to occur
Set the ENB bit.
Write the ENB bit to 1.
Note: The bit referred to is either in the register being described,
or the register is referred to explicitly in the surrounding text.
Clear the ENB bit.
Change the ENB bit to 0. Usually a bit is cleared by writing a 0
to it; however, some bits are cleared by writing a 1.
Reset the ENB bit.
Context-sensitive. Can refer either to resetting the bit to its
default value or to clearing the bit.
Table 0-1
Documentation Notation (Continued)
Notation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com