Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELANSC520 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 67Page - Advanced Micro Devices ELANSC520 Datasheet HTML 68Page - Advanced Micro Devices ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-7
Host Bridge Target Interrupt Status (HBTGTIRQSTA)
Memory-Mapped
MMCR Offset 64h
Register Description
This register contains the host bridge target interrupt status bits and active master identification.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
Reserved
T_IRQ_ID[3–0]
Reset
00001111
R/W
RSV
R
7
6
5
4
3
2
1
0
Bit
Reserved
T_DLYTO_
IRQ_STA
T_APER_
IRQ_STA
T_DPER_
IRQ_STA
Reset
00000000
R/W
RSV
R/W!
R/W!
R/W!
Bit
Name
Function
15
–12
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
11
–8
T_IRQ_ID[3–0]
Target Interrupt Identification
This bit field reports which PCI bus master was active when the target controller detected an
error condition (delay transaction time-out, address parity error, data parity error). This bit field
is only valid when an interrupt status bit is set. It is reset to 1111b when the interrupt status is
cleared.
0000 = PCI bus master 0 was active when the error was detected.
0001 = PCI bus master 1 was active when the error was detected.
0010 = PCI bus master 2 was active when the error was detected.
0011 = PCI bus master 3 was active when the error was detected.
0100 = PCI bus master 4 was active when the error was detected.
1111 = No error was detected or the bus master value was not latched. For example, a bus
master value is not latched if multiple interrupts are pending and one interrupt status
was cleared.
Other =Reserved.
When multiple interrupts are pending, this bit field represents the PCI bus master active when
the first interrupt occurred, but there is no way for software to detect which interrupt this is.
7
–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2T_DLYTO_
IRQ_STA
Target Delayed Transaction Time-Out Interrupt Status
This bit is set when the target controller issues a delayed transaction retry, the PCI bus master
does not retry the transaction within 215 clocks, and the target controller is idle (i.e., no PCI-to-
SDRAM transaction is active on the PCI bus).
0 = Delayed transaction time-out has not occurred.
1 = Delayed transaction time-out has occurred.
This bit is cleared by writing a 1.
The target controller discards the delayed transaction request when this bit is set.
This bit operates regardless of the corresponding interrupt enable bit (T_DLYTO_IRQ_ENB in
the HBTGTIRQCTL register, see page 6-5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com